Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C54AT-LP Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16C54AT-LP
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54AT-LP Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16C54AT-LP Datasheet HTML 42Page - Microchip Technology PIC16C54AT-LP Datasheet HTML 43Page - Microchip Technology PIC16C54AT-LP Datasheet HTML 44Page - Microchip Technology PIC16C54AT-LP Datasheet HTML 45Page - Microchip Technology PIC16C54AT-LP Datasheet HTML 46Page - Microchip Technology PIC16C54AT-LP Datasheet HTML 47Page - Microchip Technology PIC16C54AT-LP Datasheet HTML 48Page - Microchip Technology PIC16C54AT-LP Datasheet HTML 49Page - Microchip Technology PIC16C54AT-LP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 194 page
background image
PIC16C5X
DS30453D-page 44
Preliminary
© 2002 Microchip Technology Inc.
9.1
Configuration Bits
Configuration bits can be programmed to select various
device configurations. Two bits are for the selection of
the oscillator type and one bit is the Watchdog Timer
enable bit. Nine bits are code protection bits for the
PIC16C54A,
PIC16CR54A,
PIC16C54C,
PIC16CR54C,
PIC16C55A,
PIC16C56A,
PIC16CR56A,
PIC16C57C,
PIC16CR57C,
PIC16C58B, and PIC16CR58B devices (Register 9-1).
One bit is for code protection for the PIC16C54,
PIC16C55,
PIC16C56
and
PIC16C57
devices
(Register 9-2).
QTP or ROM devices have the oscillator configuration
programmed at the factory and these parts are tested
accordingly (see "Product Identification System" dia-
grams in the back of this data sheet).
REGISTER 9-1:
CONFIGURATION WORD FOR PIC16C54A/CR54A/C54C/CR54C/C55A/C56A/
CR56A/C57C/CR57C/C58B/CR58B
CP
CP
CP
CP
CP
CP
CP
CP
CP
WDTE
FOSC1
FOSC0
bit 11
bit 0
bit 11-3:
CP: Code Protection Bit
1
= Code protection off
0
= Code protection on
bit 2:
WDTE: Watchdog timer enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator Selection Bit
00
= LP oscillator
01
= XT oscillator
10
= HS oscillator
11
= RC oscillator
Note 1: Refer to the PIC16C5X Programming Specification (Literature Number DS30190) to determine how to
access the configuration word.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com