Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA161-4AI Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ATMEGA161-4AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA161-4AI Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ATMEGA161-4AI Datasheet HTML 29Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 30Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 31Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 32Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 33Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 34Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 35Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 36Page - ATMEL Corporation ATMEGA161-4AI Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 134 page
background image
ATmega161(L)
33
Note:
When changing the ISC11/ISC10 bits, INT1 must be disabled by clearing its Interrupt Enable bit in the GIMSK Register. Other-
wise an interrupt can occur when the bits are changed.
• Bit 1, 0 - ISC01, ISC00: Interrupt Sense Control 0 bit 1 and bit 0
The External Interrupt 0 is activated by the external pin INT0 if the SREG I-flag and the corresponding interrupt mask is set.
The level and edges on the external INT0 pin that activate the interrupt are defined in Table 8. The value on the INT0 pin is
sampled before detecting edges. If edge or toggle interrupt is selected, pulses that last longer than one clock period will
generate an interrupt. Shorter pulses are not guaranteed to generate an interrupt. If low level interrupt is selected, the low
level must be held until the completion of the currently executing instruction to generate an interrupt.
Note:
When changing the ISC01/ISC00 bits, INT0 must be disabled by clearing its Interrupt Enable bit in the GIMSK Register. Other-
wise an interrupt can occur when the bits are changed.
Extended MCU Control Register – EMCUCR
The Extended MCU Control Register contains control bits for external interrupt 2, sleep mode bit and control bits for the
external memory interface.
• Bit 7 - SM0: Sleep mode bit 0
When this bit is set (one) and sleep mode bit 1 (SM1) in MCUCR is set, Power Save Mode is selected as sleep mode.
Refer to page 34 for a detailed description of the sleep modes.
• Bit 6..4 - SRL2, SRL1, SRL0: External SRAM limit
It is possible to configure different wait-states for different external memory addresses in ATmega161. The SRL2 – SRL0
bits are used to define at which address the different wait-states will be configured. See “Interface to external memory” on
page 72 for a detailed description.
• Bit 3..1 - SRW01, SRW00, SRW11: External SRAM wait-state select bits.
The SRW01, SRW00 and SRW11 bits are used to set up extra wait states in the external memory interface. See “Interface
to external memory” on page 72 for a detailed description.
• Bit 0 - ISC2: Interrupt Sense Control 2
The external interrupt 2 is activated by the external pin INT2 if the SREG I-flag and the corresponding interrupt mask in the
GIMSK are set. If ISC2 is cleared (zero) a falling edge on INT2 activates the interrupt. If ISC2 is set (one) a rising edge on
INT2 activates the interrupt. Edges on INT2 are registered asynchronously. Pulses on INT2 wider than 50 ns will generate
an interrupt. Shorter pulses are not guaranteed to generate an interrupt.
Table 7. Interrupt 1 Sense Control
ISC11
ISC10
Description
0
0
The low level of INT1 generates an interrupt request.
0
1
Any logical change on INT1 generates an interrupt request
1
0
The falling edge of INT1 generates an interrupt request.
1
1
The rising edge of INT1 generates an interrupt request.
Table 8. Interrupt 0 Sense Control
ISC01
ISC00
Description
0
0
The low level of INT0 generates an interrupt request.
0
1
Any logical change on INT0 generates an interrupt request
1
0
The falling edge of INT0 generates an interrupt request.
1
1
The rising edge of INT0 generates an interrupt request.
Bit
7
6
543
210
$36 ($56)
SM0
SRL2
SRL1
SRL0
SRW01
SRW00
SRW11
ISC2
EMCUCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com