Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T2117-TAS Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T2117-TAS
Description  Zero-Voltage Switch with Adjustable Ramp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2117-TAS Datasheet(HTML) 2 Page - ATMEL Corporation

  T2117-TAS Datasheet HTML 1Page - ATMEL Corporation T2117-TAS Datasheet HTML 2Page - ATMEL Corporation T2117-TAS Datasheet HTML 3Page - ATMEL Corporation T2117-TAS Datasheet HTML 4Page - ATMEL Corporation T2117-TAS Datasheet HTML 5Page - ATMEL Corporation T2117-TAS Datasheet HTML 6Page - ATMEL Corporation T2117-TAS Datasheet HTML 7Page - ATMEL Corporation T2117-TAS Datasheet HTML 8Page - ATMEL Corporation T2117-TAS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
4768B–INDCO–10/05
T2117
Figure 1-1.
Block Diagram with Typical Circuit, Period Group Control 0 to 100%
2.
Pin Configuration
Figure 2-1.
Pinning DIP8/SO8
Ramp
generator
Pulse
amplifier
Comparator
18 k
Ω/
2 W
L
Synchronization
Supply
Full-wave logic
+
-
Reference voltage
1.4 V
1
3
4
R
4
100 k
Ω
2
8
5
C
2
2.2 µF/
10 V
12 k
Ω
min
max
100 k
Ω
18 k
Ω
7
6
220 k
Ω
100
Ω
Load
1000 W
V
M = 230 V~
N
R
2
(250 V~)
MT2
MT1
GND
+
100 µF/
16 V
T2117
-V
S
(R
sync)
R
1
D
1
C
1
R
3
R
6
R
5
1
2
3
4
8
7
6
5
RAMP
CRAMP
POSIN
NEGIN
VSYNC
GND
OUTPUT
VS
T2117
Table 2-1.
Pin Description
Pin
Symbol
Function
1
RAMP
Ramp output
2
CRAMP
Ramp capacitor
3
POSIN
Non-inverting comparator input
4
NEGIN
Inverting comparator input
5
VS
Supply voltage
6
OUTPUT
Trigger pulse output
7
GND
Ground
8
VSYNC
Voltage synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com