Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF0088BA02432S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0088BA02432S
Description  88.5 MHz SAW Filter 3.65 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0088BA02432S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0088BA02432S Datasheet HTML 1Page - API Technologies Corp SF0088BA02432S Datasheet HTML 2Page - API Technologies Corp SF0088BA02432S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
88.5 MHz SAW Filter
3.65 MHz Bandwidth
Part Number: SF0088BA02432S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0088BA02432S Rev D 22-Feb-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency Fo
-
88.5
-
MHz
Ave Insertion Loss (Fo ± 1.46 MHz)
-
23.9
26.5
dB
Passband Width at -2 dB
3.7
3.81
-
MHz
Amplitude Ripple within Fo ± 1.46 MHz
1
-
0.75
1.7
dB
Phase Linearity within Fo ± 1.825 MHz
2
-
4.5
6
deg p-p
Rejection @ ± 2.120 MHz
3
16
20
-
dB
Rejection @ ± 2.470 MHz
3
20
30
-
dB
Rejection @ ± 2.920 MHz
3
22
35
-
dB
Rejection @ ± 3.270 MHz
3
28
35
-
dB
Rejection @ ± 16.00 MHz
3
50
53
-
dB
Ultimate Rejection within Fo-30 to Fo-16 MHz
50
53
-
dB
Ultimate Rejection within Fo+16 to Fo+30 MHz
50
53
-
dB
Input Return Loss at Fo
12
20
-
dB
Output Return Loss at Fo
12
20
-
dB
Source and Load Impedance (single ended)
-
50
-
Ohm
Notes:
1. At 85 ˚C and -40 ˚C extremes, due to a passband slope, max. ripple is 2.1 dB.
2. At 85 ˚C and -40 ˚C extremes, the max. phase ripple is 7 deg.
3. The stated dB level is relative to the insertion loss at Fo.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
+85
˚C
Operating Temperature Range
-20
+60
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Typical component values:
Ls1 = 680 nH
Ls2 = 680 nH
Rp1 = 15 KΩ
Minimum Q=40
Lp1 = 526 nH
Lp2 = 458 nH
Rp2 = 15 KΩ
Notes:
1.
Optimum values may differ from these when using a different fixture or board layout. The values shown here are
intended as a guide only.
2.
Required component tolerances – inductors ±1%, capacitors ±5%.
1
6
10
5
Output
50Ω
Single-ended
Input
50Ω
Single-ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com