Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF0073BA01983S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0073BA01983S
Description  72.5 MHz SAW Filter 20 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0073BA01983S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0073BA01983S Datasheet HTML 1Page - API Technologies Corp SF0073BA01983S Datasheet HTML 2Page - API Technologies Corp SF0073BA01983S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
72.5 MHz SAW Filter
20 MHz Bandwidth
Part Number SF0073BA01983S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0073BA01983S
Rev A
18-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
72.50
-
MHz
Insertion Loss at 72.5 MHz
-
16
17
dB
Lower 1 dB Frequency
2
-
61.20
62.50 MHz
Upper 1 dB Frequency
2
82.50
83.50
-
MHz
Lower 3 dB frequency
2
-
60.70
61.65 MHz
Upper 3 dB frequency
2
83.35
84.10
-
MHz
Passband Ripple
3
-
0.4
1.0
dB p-p
Phase Deviation from Linear
-
4
10
deg p-p
Group Delay Variation
4
-
30
150
ns p-p
Absolute Delay
-
1.09
-
µs
Rejection (10 to 58 MHz)
2
40
42
-
dB
Rejection (87.5 to 90 MHz)
2
35
41
-
dB
Rejection (90 to 125 MHz)
2
40
47
-
dB
Input Return Loss at 72.5 MHz
2
3.5
-
dB
Output Return Loss at 72.5 MHz
2
3.4
-
dB
Source and Load Impedance
-
50
-
Ω
Ambient Temperature (Tref)
-
25
-
˚C
Notes:
1. Average of lower and upper 3 dB band edge frequencies.
2. Evaluated over 62.5 to 82.5 MHz.
3. Specification is met over operating temperature range.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-10
70
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 45)
Notes:
1. Recommend the use of
+/-2% tolerance components.
2. Component values shown are for guidance only and may change depending on board layout.
Ls1
=
100
nH
Ls2 =
82
nH
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
14
8
1
7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com