Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM2220 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2220
Description  Audio Dual Matched PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2220 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2220 Datasheet HTML 4Page - Analog Devices SSM2220 Datasheet HTML 5Page - Analog Devices SSM2220 Datasheet HTML 6Page - Analog Devices SSM2220 Datasheet HTML 7Page - Analog Devices SSM2220 Datasheet HTML 8Page - Analog Devices SSM2220 Datasheet HTML 9Page - Analog Devices SSM2220 Datasheet HTML 10Page - Analog Devices SSM2220 Datasheet HTML 11Page - Analog Devices SSM2220 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
SSM2220
Rev. C | Page 9 of 12
AD8671
2
3
1
8
4
10µF
+
+
0.01µF
0.01µF
10µF
+15V
–15V
VOUT
LED
Q1
SSM2220
Q2
2N29007A
18
36
27
R1
250Ω
VIN
R2
27kΩ
R3
5kΩ
R4
5kΩ
R6
100Ω
R5
100Ω
C1
50pF
THD < 0.005% 20Hz TO 20kHz
0.5nV/ Hz
1/f CORNER < 1Hz
Figure 18. Low Noise Microphone Preamplifier
LOW NOISE MICROPHONE PREAMPLIFIER
Figure 18 shows a microphone preamplifier that consists of an
SSM2220 and a low noise op amp. The input stage operates at a
relatively high quiescent current of 2 mA per side, which reduces
the SSM2220 transistor voltage noise. The 1/f corner is less than
1 Hz. Total harmonic distortion is under 0.005% for a 10 V p-p
signal from 20 Hz to 20 kHz. The preamp gain is 100, but can be
modified by varying R5 or R6 (VOUT/VIN = R5/R6 + 1). A total
input stage emitter current of 4 mA is provided by Q2. The con-
stant current in Q2 is set by using the forward voltage of a GaAsP
LED as a reference. The difference between this voltage and the
VBE of a silicon transistor is predictable and constant (to a few
percent) over a wide temperature range. The voltage difference,
approximately 1 V, is dropped across the 250 Ω resistor, which
produces a temperature stabilized emitter current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com