Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV010 Datasheet(PDF) 89 Page - SPANSION

Part # S29GL01GS10DFIV010
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS10DFIV010 Datasheet(HTML) 89 Page - SPANSION

Back Button S29GL01GS10DFIV010 Datasheet HTML 85Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 86Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 87Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 88Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 89Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 90Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 91Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 92Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 93Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
89
Data
She e t
10.4.3
Alternate CE# Controlled Write Operations
Note:
1. Not 100% tested.
Figure 10.19 Back to Back (CE#) Write Operation Timing Diagram
Table 10.9 Alternate CE# Controlled Write Operations
Parameter
Description
VIO = 2.7V to
VCC
VIO = 1.65V
to VCC
Unit
JEDEC
Std
tAVAV
tWC
Write Cycle Time (Note 1)
Min
60
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# Low during toggle bit polling
Min
15
ns
tWLAX
tAH
Address Hold Time
Min
45
ns
tAHT
Address Hold Time From CE# or OE# High during toggle
bit polling
Min
0
ns
tDVWH
tDS
Data Setup Time
Min
30
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tCEPH
CE# High during toggle bit polling
Min
20
ns
t0EPH
OE# High during toggle bit polling
Min
20
ns
tGHEK
tGHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tWLEL
tWS
WE# Setup Time
Min
0
ns
tELWH
tWH
WE# Hold Time
Min
0
ns
tELEH
tCP
CE# Pulse Width
Min
25
ns
tEHEL
tCPH
CE# Pulse Width High
Min
20
ns
Amax-A0
CE#
OE#
WE#
DQ15-DQ0
tDS
tDH
tAS
tAH
tWC
tCP
tCPH
tWS
tWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com