Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV010 Datasheet(PDF) 103 Page - SPANSION

Part # S29GL01GS10DFIV010
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS10DFIV010 Datasheet(HTML) 103 Page - SPANSION

Back Button S29GL01GS10DFIV010 Datasheet HTML 98Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 99Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 100Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 101Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 102Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 103Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 104Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 105Page - SPANSION S29GL01GS10DFIV010 Datasheet HTML 106Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
103
Data
She e t
15. Revision History
Section
Description
Revision 01 (February 11, 2011)
Initial release
Revision 02 (March 21, 2011)
Global
Modified document from “Advance Information” to “Preliminary”
OPN
Added FBGA package offering for V1 & V2 Model Number
Removed KGD information, which is documented in a separate Supplement
Command Definitions Table
Removed duplicated commands
Changed the number of command cycles for a CFI Enter from 3 to 1
Physical Interface
Updated 56-pin TSOP pinout figure
Updated 64-ball FBGA pinout figure
Other Resources
Added additional application notes in “Links to Application Notes”
Lock Register Table
Changed the default value of bit 7 in the Lock register
Revision 03 (July 8, 2011)
Performance Summary
Updated table: Typical Program and Erase Rates
Secure Silicon Region ASO
Corrected table: Secure Silicon Region
DQ1: Write-to-Buffer Abort
Corrected table: Data Polling Staus
Embedded Algorithm Performance
Table
Updated table: Embedded Algorithm Characteristics
Command State Transitions
Corrected tables: changed Software Reset/ASO Exit Data value to from 00F0h to xF0h
Corrected table: Erase Suspend Unlock State Command Transition
Corrected table: Erase Suspend - DYB State Command Transition
Corrected table: Program Unlock State Command Transition
Corrected table: Lock Register State Command Transition
Corrected table: Secure Silicon Sector Program State Command Transition
Corrected table: Password Protection Command State Transition
Corrected table: Non-Volatile Protection Command State Transition
Corrected table: PPB Lock Bit Command State Transition
Corrected table: Volatile Sector Protection Command State Transition
Device ID and Common Flash Interface
(ID-CFI) ASO Map
Corrected table: Corrected CFI Primary Vendor-Specific Extended Query description for Word
Address (SA) + 0045h
DC Characteristics
Updated VIL Max
Updated Note
Power-On Reset (POR) and Warm
Reset
Updated table: added row to bottom of table
Power-On (Cold) Reset (POR)
Updated text
Updated figure: Power-Up Diagram
Hardware (Warm) Reset
Updated figure: Hardware Reset
Asynchronous Write Operations
Added figure: Back to Back (CE#VIL) Write Operation Timing Diagram
Updated table: Erase/Program Operations
Physical Diagram - LAA064
Added figure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com