Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USCHSXSYAVAVHTX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # USCHSXSYAVAVHTX
Description  Digital Panel Meters Modular signal conditioner Type USC-DIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USCHSXSYAVAVHTX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button USCHSXSYAVAVHTX Datasheet HTML 2Page - List of Unclassifed Manufacturers USCHSXSYAVAVHTX Datasheet HTML 3Page - List of Unclassifed Manufacturers USCHSXSYAVAVHTX Datasheet HTML 4Page - List of Unclassifed Manufacturers USCHSXSYAVAVHTX Datasheet HTML 5Page - List of Unclassifed Manufacturers USCHSXSYAVAVHTX Datasheet HTML 6Page - List of Unclassifed Manufacturers USCHSXSYAVAVHTX Datasheet HTML 7Page - List of Unclassifed Manufacturers USCHSXSYAVAVHTX Datasheet HTML 8Page - List of Unclassifed Manufacturers USCHSXSYAVAVHTX Datasheet HTML 9Page - List of Unclassifed Manufacturers USCHSXSYAVAVHTX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Specifications are subject to change without notice
USCDS0407063
USC
AC/DC voltage
90 to 260V (standard)
18 to 60V (on request)
Energy consumption
≤ 30VA/12W (90 to 260V)
≤ 20VA/12W (18 to 60V)
Supply Specifications
Linearization
Points
Up to 16
Input range
Selectable by every
single point
Output range
Selectable by every
single point
UscSoft
Software for
programming USC
by means of PC (Windows 95,
98se, ME, XP) by means of
serial port RS485 and
relevant connection cable.
UscSoft includes
programming, displaying,
min-max storage functions.
The software is available in
English, Spanish, Italian,
German and French. See
also “The programming of
USC by means of PC”.
TC
Opening of probe’s
connection: EEE indication
RTD
Opening of probe’s
connection: EEE indication
probe’s short circuit:
-EEE indication.
Digital filter
Filter operating range
0 to 9999
Filtering coefficient
1 to 32
Scaling
Selection of min value
of the input range.
Selection of max value of
the input range.
Selection of decimal point
position.
Selection of min
display value.
Selection of max display
value.
Software functions (continuous)
Safety Standards
Safety
EN 61010-1, IEC 61010-1
Connections
Screw type
Wire section
Max 2.5mm2
Housing
Dimensions
44 x 113 x 107 mm
Material
PC-ABS,
self-extinguishing: UL 94 V-0
Protection degree
IP20
Weight
560 g approx (included all
modules and packing)
Approvals
CE, UR, CSA
Operating
0° to 50°C (32° to 122°F)
temperature
(H.R. < 90% non-condensing)
Storage
-10° to 60°C (14° to 140°F)
temperature
(H.R. < 90% non-condensing)
Insulation reference
300 V
RMS
to ground
voltage
(500V input)
Insulation
See table “Insulation between
inputs and outputs”
Dielectric strength
4000 V
RMS
for 1 minute
Rejection
NMRR
40 dB, 40 to 60 Hz
CMRR
100 dB, 40 to 60 Hz
EMC
EN61000-6-2, IEC61000-6-2
EN61000-6-3, IEC61000-6-3
General Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com