Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS11DFIV020 Datasheet(PDF) 14 Page - SPANSION

Part # S29GL01GS11DFIV020
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS11DFIV020 Datasheet(HTML) 14 Page - SPANSION

Back Button S29GL01GS11DFIV020 Datasheet HTML 10Page - SPANSION S29GL01GS11DFIV020 Datasheet HTML 11Page - SPANSION S29GL01GS11DFIV020 Datasheet HTML 12Page - SPANSION S29GL01GS11DFIV020 Datasheet HTML 13Page - SPANSION S29GL01GS11DFIV020 Datasheet HTML 14Page - SPANSION S29GL01GS11DFIV020 Datasheet HTML 15Page - SPANSION S29GL01GS11DFIV020 Datasheet HTML 16Page - SPANSION S29GL01GS11DFIV020 Datasheet HTML 17Page - SPANSION S29GL01GS11DFIV020 Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 106 page
background image
14
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
Note: These tables have been condensed to show sector related information for an entire device on a single
page Sectors and their address ranges that are not explicitly listed (such as SA001-SA510) have sectors
starting and ending addresses that form the same pattern as all other sectors of that size. For example, all
128 kB sectors have the pattern XXX0000h-XXXFFFFh.
2.2
Device ID and CFI (ID-CFI) ASO
There are two traditional methods for systems to identify the type of flash memory installed in the system.
One has traditionally been called Autoselect and is now referred to as Device Identification (ID). The other
method is called Common Flash Interface (CFI).
For ID, a command is used to enable an address space overlay where up to 16 word locations can be read to
get JEDEC manufacturer identification (ID), device ID, and some configuration and protection status
information from the flash memory. The system can use the manufacturer and device IDs to select the
appropriate driver software to use with the flash device.
CFI also uses a command to enable an address space overlay where an extendable table of standard
information about how the flash memory is organized and operates can be read. With this method the driver
software does not have to be written with the specifics of each possible memory device in mind. Instead the
driver software is written in a more general way to handle many different devices but adjusts the driver
behavior based on the information in the CFI table.
Traditionally these two address spaces have used separate commands and were separate overlays.
However, the mapping of these two address spaces are non-overlapping and so can be combined in to a
single address space and appear together in a single overlay. Either of the traditional commands used to
access (enter) the Autoselect (ID) or CFI overlay will cause the now combined ID-CFI address map to appear.
The ID-CFI address map appears within, and overlays the Flash Array data of, the sector selected by the
address used in the ID-CFI enter command. While the ID-CFI ASO is entered the content of all other sectors
is undefined.
The ID-CFI address map starts at location 0 of the selected sector. Locations above the maximum defined
address of the ID-CFI ASO to the maximum address of the selected sector have undefined data. The ID-CFI
enter commands use the same address and data values used on previous generation memories to access
the JEDEC Manufacturer ID (Autoselect) and Common Flash Interface (CFI) information, respectively.
For the complete address map see Table 6.2 on page 60.
Table 2.4 S29GL128S Sector and Memory Address Map
Sector Size (kbyte)
Sector Count
Sector Range
Address Range
(16-Bit)
Notes
128
128
SA00
0000000h-000FFFFh
Sector Starting Address
::
–
SA127
07F0000h-07FFFFFh
Sector Ending Address
Table 2.5 ID-CFI Address Map Overview
Word Address
Description
Read / Write
(SA) + 0000h to 000Fh
Device ID
(traditional Autoselect values)
Read Only
(SA) + 0010h to 0079h
CFI data structure
Read Only
(SA) + 0080h to FFFFh
Undefined
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com