Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC489CSW-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC489CSW-PBF
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC489CSW-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC489CSW-PBF Datasheet HTML 4Page - Linear Technology LTC489CSW-PBF Datasheet HTML 5Page - Linear Technology LTC489CSW-PBF Datasheet HTML 6Page - Linear Technology LTC489CSW-PBF Datasheet HTML 7Page - Linear Technology LTC489CSW-PBF Datasheet HTML 8Page - Linear Technology LTC489CSW-PBF Datasheet HTML 9Page - Linear Technology LTC489CSW-PBF Datasheet HTML 10Page - Linear Technology LTC489CSW-PBF Datasheet HTML 11Page - Linear Technology LTC489CSW-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC488/LTC489
11
4889fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
SW Package
16-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)
S16 (WIDE) 0502
NOTE 3
.398 – .413
(10.109 – 10.490)
NOTE 4
16
15
14
13
12
11
10
9
1
N
23
4
5
6
78
N/2
.394 – .419
(10.007 – 10.643)
.037 – .045
(0.940 – 1.143)
.004 – .012
(0.102 – 0.305)
.093 – .104
(2.362 – 2.642)
.050
(1.270)
BSC
.014 – .019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 3
.009 – .013
(0.229 – 0.330)
.005
(0.127)
RAD MIN
.016 – .050
(0.406 – 1.270)
.291 – .299
(7.391 – 7.595)
NOTE 4
× 45°
.010 – .029
(0.254 – 0.737)
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
.420
MIN
.325
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
N
1
2
3
N/2
.050 BSC
.030
±.005
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com