Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1263CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1263CS8
Description  12V, 60mA Flash Memory Programming Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1263CS8 Datasheet(HTML) 6 Page - Linear Technology

  LTC1263CS8 Datasheet HTML 1Page - Linear Technology LTC1263CS8 Datasheet HTML 2Page - Linear Technology LTC1263CS8 Datasheet HTML 3Page - Linear Technology LTC1263CS8 Datasheet HTML 4Page - Linear Technology LTC1263CS8 Datasheet HTML 5Page - Linear Technology LTC1263CS8 Datasheet HTML 6Page - Linear Technology LTC1263CS8 Datasheet HTML 7Page - Linear Technology LTC1263CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1263
APPLICATIONS INFORMATION
desired. (The LTC1263 does not require a 0.1
µF capacitor
between VCC and VOUT for stability.)
Besides using it to program flash memories, the LTC1263
can also provide multiple supply voltages with the help of
two diodes and two capacitors. Output voltages of 19V and
– 7V can easily be obtained. In other words, the LTC1263
can power dual supply (
±5V) and single supply (15V) op
amps.
TYPICAL APPLICATIONS
Dual Voltage Supply Output at 12V and 19V
1
2
3
4
8
7
6
5
SHDN
GND
VOUT
VCC
C1–
C1+
C2–
C2+
LTC1263
0.47
µF
0.47
µF
LTC1263 • TA04
10
µF
10
µF
VCC
4.75V TO 5.5V
1
µF
VOUT = 12V
V+ = 19V**
1
µF
1N4148*
IN4148*
*
**
FOR LOWER VOLTAGE DROP, USE SCHOTTKY DIODES
MUST PULL MORE CURRENT OUT OF VOUT THAN V
+
Dual Supply Voltage Output at 12V and – 7V
1
2
3
4
8
7
6
5
SHDN
GND
VOUT
VCC
C1–
C1+
C2–
C2+
LTC1263
0.47
µF
0.47
µF
*
**
1
µF
LTC1263 • TA05
10
µF
10
µF
VCC
4.75V TO 5.5V
VOUT = 12V
V– = –7V**
1
µF
IN4148*
1N4148*
FOR LOWER VOLTAGE DROP, USE SCHOTTKY DIODES
MUST PULL MORE CURRENT OUT OF VOUT THAN V
–
1
2
3
4
8
7
6
5
SHDN
GND
VOUT
VCC
C1–
C1+
C2–
C2+
LTC1263
0.47
µF
0.47
µF
1
µF
LTC1263 • TA06
10
µF
10
µF
VCC
4.75V TO 5.5V
VOUT = 12V
10k
90.1k
(VIN)(10)
LT1006
1
µF
1N4148*
1N4148*
VIN
2
3
7
4
6
(12V)
(–7V)**
*
**
FOR LOWER VOLTAGE DROP, USE SCHOTTKY DIODES
MUST PULL MORE CURRENT OUT OF VOUT THAN V
–
Gain of 10 Amplifier Using LT®1006 Powered by LTC1263



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com