Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1289CCSW Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1289CCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCSW Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1289CCSW Datasheet HTML 20Page - Linear Technology LTC1289CCSW Datasheet HTML 21Page - Linear Technology LTC1289CCSW Datasheet HTML 22Page - Linear Technology LTC1289CCSW Datasheet HTML 23Page - Linear Technology LTC1289CCSW Datasheet HTML 24Page - Linear Technology LTC1289CCSW Datasheet HTML 25Page - Linear Technology LTC1289CCSW Datasheet HTML 26Page - Linear Technology LTC1289CCSW Datasheet HTML 27Page - Linear Technology LTC1289CCSW Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC1289
1289fb
S
APPLICATI
TYPICAL
PACKAGE DESCRIPTIO
110
SCLK
CS
POWER SHUTDOWN STARTS
DUMMY CONVERSION FINISHES AFTER 52 ACLK PERIODS
POWER UP
LTC1289 TAF2
Figure 25. Power Shutdown Timing
J Package
20-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
J20 1298
3
7
56
10
9
1
4
2
8
11
20
16
15
17
14
13
12
19
18
0.005
(0.127)
MIN
0.025
(0.635)
RAD TYP
0.220 – 0.310
(5.588 – 7.874)
1.060
(26.924)
MAX
0
° – 15°
0.008 – 0.018
(0.203 – 0.457)
0.015 – 0.060
(0.381 – 1.524)
0.125
(3.175)
MIN
0.014 – 0.026
(0.356 – 0.660)
0.045 – 0.065
(1.143 – 1.651)
0.100
(2.54)
BSC
0.200
(5.080)
MAX
0.300 BSC
(0.762 BSC)
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
OBSOLETE PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com