Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRMS=50V Datasheet(PDF) 17 Page - EPCOS

Part # VRMS=50V
Description  SIOV metal oxide varistors Leaded varistors, StandarD series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=50V Datasheet(HTML) 17 Page - EPCOS

Back Button VRMS=50V Datasheet HTML 13Page - EPCOS VRMS=50V Datasheet HTML 14Page - EPCOS VRMS=50V Datasheet HTML 15Page - EPCOS VRMS=50V Datasheet HTML 16Page - EPCOS VRMS=50V Datasheet HTML 17Page - EPCOS VRMS=50V Datasheet HTML 18Page - EPCOS VRMS=50V Datasheet HTML 19Page - EPCOS VRMS=50V Datasheet HTML 20Page - EPCOS VRMS=50V Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Ordering code
[e]
±1
mm
a
±1
mm
wmax
mm
thmax
mm
hmax
mm
lmin
mm
d
±0.05
mm
VRMS = 440 V
B72214S0441K101
7.5
3.0
15.5
6.3
19.0
25.0
0.8
B72220S0441K101
10.0
3.1
21.5
6.7
26.0
25.0
1.0
VRMS = 460 V
B72205S0461K101
5.0
3.0
7.0
5.7
9.0
25.0
0.6
B72207S0461K101
5.0
3.0
9.0
5.7
11.5
25.0
0.6
B72210S0461K101
7.5
3.1
12.0
6.3
15.0
25.0
0.8
B72214S0461K101
7.5
3.1
15.5
6.4
19.0
25.0
0.8
B72220S0461K101
10.0
3.3
21.5
6.8
26.0
25.0
1.0
VRMS = 510 V
B72210S0511K101
7.5
3.4
12.0
6.7
15.0
25.0
0.8
B72214S0511K101
7.5
3.4
15.5
6.8
19.0
25.0
0.8
B72220S0511K101
10.0
3.5
21.5
7.1
26.0
25.0
1.0
VRMS = 550 V
B72210S0551K101
7.5
3.7
12.0
7.1
15.0
25.0
0.8
B72214S0551K101
7.5
3.7
15.5
7.2
19.0
25.0
0.8
B72220S0551K101
10.0
3.9
21.5
7.5
26.0
25.0
1.0
VRMS = 625 V
B72210S0621K101
7.5
4.0
12.0
7.5
15.0
25.0
0.8
B72214S0621K101
7.5
4.0
15.5
7.5
19.0
25.0
0.8
B72220S0621K101
10.0
4.2
21.5
7.9
26.0
25.0
1.0
VRMS = 680 V
B72210S0681K101
7.5
4.4
12.0
7.9
15.0
25.0
0.8
B72214S0681K101
7.5
4.4
15.5
8.0
19.0
25.0
0.8
B72220S0681K101
10.0
4.5
21.5
8.4
26.0
25.0
1.0
VRMS = 1100 V
B72214S0102K101
7.5
6.7
15.5
11.0
20.5
25.0
0.8
B72220S0102K101
10.0
6.9
21.5
11.4
28.5
25.0
1.0
Leaded varistors
B722*
StandarD series
Page 17 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com