Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OP27AFKB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OP27AFKB
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27AFKB Datasheet(HTML) 15 Page - Texas Instruments

Back Button OP27AFKB Datasheet HTML 11Page - Texas Instruments OP27AFKB Datasheet HTML 12Page - Texas Instruments OP27AFKB Datasheet HTML 13Page - Texas Instruments OP27AFKB Datasheet HTML 14Page - Texas Instruments OP27AFKB Datasheet HTML 15Page - Texas Instruments OP27AFKB Datasheet HTML 16Page - Texas Instruments OP27AFKB Datasheet HTML 17Page - Texas Instruments OP27AFKB Datasheet HTML 18Page - Texas Instruments OP27AFKB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise testing (continued)
1.
The device should be warmed up for at least five minutes. As the operational amplifier warms up, the
offset voltage typically changes 4
μV due to the chip temperature increasing from 10°C to 20°C starting
from the moment the power supplies are turned on. In the 10-s measurement interval, these
temperature-induced effects can easily exceed tens of nanovolts.
2.
For similar reasons, the device should be well shielded from air currents to eliminate the possibility of
thermoelectric effects in excess of a few nanovolts, which would invalidate the measurements.
3.
Sudden motion in the vicinity of the device should be avoided, as it produces a feedthrough effect that
increases observed noise.
4.3 k
Ω
110 k
Ω
2.2
μF
Oscilloscope
Rin = 1 MΩ
22
μF
100 k
Ω
0.1
μF
LT1001
4.7
μF
2 k
Ω
100 k
Ω
10
Ω
0.1
μF
Voltage
Gain = 50,000
+
OP27
Device
Under
Test
24.3 k
Ω
0.01
0.1
1
10
100
100
90
80
70
60
50
40
30
f − Frequency − Hz
+
NOTE: All capacitor values are for nonpolarized capacitors only.
Figure 26. 0.1-Hz to 10-Hz Peak-to-Peak Noise Test Circuit and Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com