Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A3PN010 Datasheet(PDF) 21 Page - Microsemi Corporation

Part # A3PN010
Description  ProASIC3 nano Flash FPGAs
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3PN010 Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button A3PN010 Datasheet HTML 17Page - Microsemi Corporation A3PN010 Datasheet HTML 18Page - Microsemi Corporation A3PN010 Datasheet HTML 19Page - Microsemi Corporation A3PN010 Datasheet HTML 20Page - Microsemi Corporation A3PN010 Datasheet HTML 21Page - Microsemi Corporation A3PN010 Datasheet HTML 22Page - Microsemi Corporation A3PN010 Datasheet HTML 23Page - Microsemi Corporation A3PN010 Datasheet HTML 24Page - Microsemi Corporation A3PN010 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
ProASIC3 nano Flash FPGAs
Revision 11
2-7
Table 2-9 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software Settings1
CLOAD (pF) 2
VCCI (V)
Dynamic Power, PAC10 (µW/MHz)3
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
10
3.3
162.01
3.3 V LVCMOS wide range4
10
3.3
162.01
2.5 V LVCMOS
10
2.5
91.96
1.8 V LVCMOS
10
1.8
46.95
1.5 V LVCMOS (JESD8-11)
10
1.5
32.22
Notes:
1. Dynamic power consumption is given for standard load and software default drive strength and output
slew.
2. Values for A3PN020, A3PN015, and A3PN010. A3PN060, A3PN125, and A3PN250 correspond to a
default loading of 35 pF.
3. PAC10 is the total dynamic power measured on VCCI.
4. All LVCMOS3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com