Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3871EMP-3.3/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3871EMP-3.3/NOPB
Description  LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3871EMP-3.3/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3871EMP-3.3/NOPB Datasheet HTML 9Page - Texas Instruments LP3871EMP-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP3871EMP-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP3871EMP-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP3871EMP-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP3871EMP-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP3871EMP-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP3871EMP-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP3871EMP-3.3/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LP3871
LP3874
www.ti.com
SNVS225G – FEBRUARY 2003 – REVISED APRIL 2013
Figure 21.
θJA vs Copper (1 Ounce) Area for DDPAK/TO-263 package
As shown in the figure, increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the DDPAK/TO-263 package mounted to a PCB is 32°C/W.
Figure 22 shows the maximum allowable power dissipation for DDPAK/TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 22. Maximum power dissipation vs ambient temperature for DDPAK/TO-263 package
HEATSINKING SOT-223 PACKAGE
Figure 23 shows a curve for the
θJA of SOT-223 package for different copper area sizes, using a typical PCB with
1 ounce copper and no solder mask over the copper area for heat sinking.
Figure 23.
θJA vs Copper(1 Ounce) Area for SOT-223 package
The following figures show different layout scenarios for SOT-223 package.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com