Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

40EPS12PbF Datasheet(PDF) 3 Page - International Rectifier

Part # 40EPS12PbF
Description  INPUT RECTIFIER DIODE Lead-Free
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPS12PbF Datasheet(HTML) 3 Page - International Rectifier

  40EPS12PbF Datasheet HTML 1Page - International Rectifier 40EPS12PbF Datasheet HTML 2Page - International Rectifier 40EPS12PbF Datasheet HTML 3Page - International Rectifier 40EPS12PbF Datasheet HTML 4Page - International Rectifier 40EPS12PbF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
40EPS..PbF SAFE
IR Series
Bulletin I2179 rev. A 03/06
www.irf.com
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
95
100
105
110
115
120
125
130
135
140
145
150
0
5
10
15
20
25 30
35
40
45
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uc tion Angle
40EPS.. Series
R
(DC) = 0.6 K/ W
thJC
100
110
120
130
140
150
0
10
2030
40506070
DC
30°
60°
90°
120°
180°
Conduc tion Period
Average Forward Current (A)
40EPS.. Series
R
(DC) = 0.6 K/ W
thJC
0
5
10
15
20
25
30
35
40
45
50
55
60
0
5
10
15
20
25
30
35
40
Average Forward Current (A)
RMSLimit
Conduc tion Angle
180°
120°
90°
60°
30°
40EPS.. Series
T = 150°C
J
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
0
10
20
30
40
50
60
70
80
0
10
2030
40
506070
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Cond uction Period
40EPS.. Series
T = 150°C
J
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
Pulse Train Duration (s)
RRM
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
J
40EPS.. Series
Fig. 6 - Maximum Non-Repetitive Surge Current
1
10
100
1000
00.5
1
1.5
22.5
3
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 150°C
J
40EPS.. Series
Fig. 5 - Forward Voltage Drop Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com