Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF0300BA02467S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0300BA02467S
Description  300 MHz SAW Filter 20 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0300BA02467S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0300BA02467S Datasheet HTML 1Page - API Technologies Corp SF0300BA02467S Datasheet HTML 2Page - API Technologies Corp SF0300BA02467S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
300 MHz SAW Filter
20 MHz Bandwidth
Part Number: SF0300BA02467S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0300BA02467S
Rev A
19-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
-
300.00
-
MHz
Insertion Loss
2
-
7.6
12
dB
1 dB bandwidth
20.0
24.8
-
MHz
3 dB Bandwidth
21.0
27.9
-
MHz
40 dB bandwidth
-
37.8
40.0
MHz
Amplitude Ripple (Fc +/- 8 MHz)
-
0.5
0.8
dB p-p
Group Delay Variation (Fc +/- 10 MHz)
-
35
100
ns/div
Rejection (150 MHz to 275 MHz)
40
45
-
dB
Rejection (325 MHz to 450 MHz)
40
42
-
dB
Temperature Coefficient of Frequency
-
-94
-
ppm/˚C
Source/Load Impedance
50
ohms
Ambient Temperature
-
25
-
˚C
Notes:
1. Measured as mean of the lower and upper 3 dB band edge frequencies.
2. Minimum loss within the passband.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-40
75
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Typical component values:
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values are for reference only and may change depending on board layout.
Ls1
=
22
nH
Ls2
=
22
nH
Cp1 =
15
pF
Cp2
=
15
pF
10
4
All other pads
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com