Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF0326BA03198S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0326BA03198S
Description  326.4 MHz SAW Filter 10 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0326BA03198S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0326BA03198S Datasheet HTML 1Page - API Technologies Corp SF0326BA03198S Datasheet HTML 2Page - API Technologies Corp SF0326BA03198S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
326.4 MHz SAW Filter
10 MHz Bandwidth
Part Number SF0326BA03198S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0326BA03198S
Rev A 19-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
1
-
326.4
-
MHz
Insertion Loss
2
-
8.2
10
dB
Passband Ripple (321.4-331.4 MHz)
-
0.5
1
dB p-p
Group Delay Deviation (321.4-331.4 MHz)
-
35
60
ns p-p
Absolute Delay
-
580
750
ns
1 dB bandwidth
2
10
14.4
-
MHz
Lower 1 dB Frequency
-
319.5
321.4
MHz
Upper 1 dB Frequency
331.4
333.9
-
MHz
40 dB Bandwidth
-
23.3
25.5
MHz
Relative Attenuation (10 to 306.4 MHz)
2
47
50
-
dB
Relative Attenuation (306.4 to 312.4 MHz)
2
40
45
-
dB
Relative Attenuation (340.4 to 346.4 MHz)
2
40
44
-
dB
Relative Attenuation (346.4 to 500 MHz)
2
42
44
-
dB
Input IP3
3
37.5
-
-
dBc
Source and Load Impedance
50
ohms
Temperature Coefficient of Frequency
-86
ppm/˚C
Ambient Temperature
-
25
-
˚C
Notes:
1. Reference frequency. Computed as mean of the 3 dB frequencies.
2. All dB values are referenced to the insertion loss value, which is
recorded as minimum value in the passband.
3. Measured inside filter passband.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
-20
85
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Ls1 = 27 nH
Ls2 = 47 nH
Cp1 = 10 pF
Cp2 = 10 pF
Notes:
•
Recommend 2% or better tolerance matching components. Typical inductor Q=40.
•
Optimum values may change depending on board layout. Values shown are intended as a guide only.
Input
50
Ω
Single ended
Output
50
Ω
Single ended
9
4
10
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com