Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD43F06 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSD43F06
Description  Three Phase Rectifier Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSD43F06 Datasheet(HTML) 1 Page - Powersem GmbH

  PSD43F06 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Three Phase
PSD 43F
I
dAV
= 56 A
Rectifier Bridge
V
RRM
= 400 - 600 V
with fast Recovery Epitaxial Diode (FRED)
trr
= 35 ns
Preliminary Data Sheet
Features
Package with DCB ceramic base plate
Isolation voltage 3000 V
Planar glass passivated chips
Low forward voltage drop
Leads suitable for PC board
soldering
UL registered, E 148688
Applications
Supplies for DC power equipment
Input and output rectifier for high
frequency
Battery DC power supplies
Field supply for DC motors
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
Low noise switching
Small and light weight
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Data according to IEC 60747 refer to a single diode unless otherwise stated
*- for resistive load at bridge output
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 1
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
~
A
K
~H
~N
-
+
Symbol
Test Conditions
Maximum Ratings
I*
dAV
T
C = 85 °C,
(per module)
56
A
I
dAVM
90
A
I
FSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
110
A
V
R = 0
t = 8.3 ms (60 Hz), sine
120
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
95
A
V
R = 0
t = 8.3 ms (60 Hz), sine
105
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
60
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
60
A²s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
45
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
45
A²s
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
I
ISOL ≤ 1 mA
t = 1 s
3000
V
M
d
Mounting torque
(M4)
1.5 - 1.8
Nm
14 - 16
lb.in.
Weight
typ.
16
g
Symbol
Test Conditions
Characteristic Value
I
R
V
R = VRRM, TVJ = TVJM
0.5
mA
V
R = VRRM, TVJ = 25°C
0
.1
mA
V
F
I
F = 15 A,
T
VJ = 25 °C
2.01
V
V
TO
For power-loss calculations only
1.13
V
r
T
13
m
R
thJC
per diode; DC
1.6
K/W
per module
0.27
K/W
R
thJK
per diode; DC
1.9
K/W
per module
0.32
K/W
I
RM
I
F=25A; -diF/dt=100A/µs; VR=100V
typ. 4
A
L
=0.05 mH; T
VJ= 100°C
t
rr
I
F=1A; -diF/dt=100A/µs; VR=30V;
typ. 35
ns
T
VJ= 25°C
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
9.7
mm
a
Max. allowable acceleration
50
m/s²
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
400
400 PSD 43F/04
600
600 PSD 43F/06


Similar Part No. - PSD43F06

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSD43F08 POWERSEM-PSD43F08 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
More results

Similar Description - PSD43F06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com