Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP102 Datasheet(PDF) 2 Page - Boca Semiconductor Corporation

Part # TIP102
Description  Power Darlingtons for Linear and Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

TIP102 Datasheet(HTML) 2 Page - Boca Semiconductor Corporation

  TIP102 Datasheet HTML 1Page - Boca Semiconductor Corporation TIP102 Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current
IC
max.
8.0
A
Collector peak current
ICM
max.
15
A
Base current
IB
max.
1.0
A
Total power dissipation up to TC = 25°C Ptot
max.
80
W
Derate above 25°C
max
0.64
W/° C
Total power dissipation up to TA = 25°C Ptot
max.
2.0
W
Derate above 25°C
max
0.016
W/° C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
°C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
62.5
°C/W
From junction to case
Rth j–c
1.56
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
100 101 102
105 106 107
Collector cutoff current
IB = 0; VCE = 30 V
ICEO
max. 50
µA
IB = 0; VCE = 40 V
ICEO
max.
50
µA
IB = 0; VCE = 50 V
ICEO
max.
50
µA
IE = 0; VCB = 60V
ICBO
max. 50
µA
IE = 0; VCB = 80V
ICBO
max.
50
µA
IE = 0; VCB = 100V
ICBO
max.
50
µA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
8
mA
Breakdown voltages
IC = 30 mA; IB = 0
VCEO(sus)*
min.
60
80
100 V
IC = 1 mA; IE = 0
VCBO
min.
60
80
100 V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltages
IC = 3 A; IB = 6 mA
VCEsat*
max.
2.0
V
IC = 8 A; IB = 80 mA
VCEsat*
max.
2.5
V
Base-emitter on voltage
IC = 8 A; VCE = 4 V
VBE(on)*
max.
2.8
V
D.C. current gain
IC = 3 A; VCE = 4 V
hFE*
min.
1.0
K
max.
20
K
IC = 8 A; VCE = 4 V
hFE*
min.
200
Small signal current gain
IC = 3A; VCE = 4V; f = 1.0 MHz
|hfe|
min.
4.0
Output capacitance f = 0.1 MHz
IE = 0; VCB = 10V, PNP
Co
max.
300
pF
NPN
max.
200
pF
Forward voltage of commutation diode
IF = –IC = 10A; IB = 0
VF*
max.
2.8
V
* Pulsed: pulse duration = 300 µs; duty cycle
≤ 2%.
TIP100, TIP101, TIP102
TIP105, TIP106, TIP107
http://www.bocasemi.com
page: 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com