Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TM9352 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9352
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9352 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9352 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +33 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +28 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +20 dBm (Typ.)
Power
Vdc
+5
+5
mA
18
20 Max.
RF AMPLIFIER
MODEL
TM9352
Available as:
TM9352, 4 Pin TO-8 (T4)
TN9352, 4 Pin Surface Mount (SM3)
FP9352, 4 Pin Flatpack (FP4)
BX9352, Connectorized Housing (H1)
PN9352, Reduced Size Surface Mount (SM11)
Features
!
!
!
!
! Low 5 Volt Bias
!
!
!
!
! Medium Gain: +10 dB Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 2000 MHz
5 - 2000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
4.0
5.5 Max.
VSWR
In
1.5:1
2.0:1 Max.
Out
1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
-13
-12 Max.
Power @ 1 dB
Comp. (dBm)
+8.0
+5.0 Min.
Gain (dB)
10
8.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 10 Volts
Continuous RF Input Power ................................. + 13 dBm
Short Term RF Input Power ... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power ................... 0.2 Watt (3
µsec Max.)
2.0
1.5
1.0
2.0
1.5
1.0
2
6
5
4
3
11
10
9
+13
+11
+ 9
+ 7
+ 5
0
- 5
- 10
- 15
- 20
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Start 5 MHz
Stop 2000 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Linear S-Parameters
FREQ.
– – – – S11– – – –
– –––S21––––
–––– S12––––
–– ––S22–– ––
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=========================================================================================================
5
100
250
500
750
1000
1250
1500
1750
2000
.23
.20
.20
.18
.16
.12
.11
.13
.19
.27
-140
174
165
144
130
127
135
146
144
126
3.19
3.25
3.24
3.25
3.25
3.27
3.30
3.32
3,29
3.24
-167
173
159
138
118
97
76
55
32
9
.16
.16
.17
.18
.19
.20
.21
.21
.22
.22
15
2
2
3
2
- 0
- 5
- 9
-12
-15
.28
.21
.21
.21
.19
.19
.20
.20
.20
.21
158
164
144
111
73
37
-
2
- 36
- 71
- 99
Rev.
2/22/07
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM9352

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9352 SPECTRUM-TM9352 Datasheet
43Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM9352

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
TR3084 APITECH-TR3084 Datasheet
45Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com