Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSVT70PSXT70 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSVT70PSXT70
Description  Thyristor Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSVT70PSXT70 Datasheet(HTML) 1 Page - Powersem GmbH

  PSVT70PSXT70 Datasheet HTML 1Page - Powersem GmbH PSVT70PSXT70 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Maximum Ratings
ITRMS
80
A
ITAVM
TC = 83°C
180° sine,
51
A
ITAVM
TC = 85°C
180° sine,
49
A
ITSM
TVJ = 45°C
t = 10 ms (50Hz), sine
1150
A
VR = 0
t = 8.3 ms (60Hz), sine
1230
A
TVJ = TVJM
t = 10 ms (50Hz), sine
1000
A
VR = 0
t = 8.3 ms (60Hz), sine
1070
A
∫ i2dt
TVJ = 45°C
t = 10 ms (50Hz), sine
6600
A
2s
VR = 0
t = 8.3 ms (60Hz), sine
6280
A
2s
TVJ = TVJM
t = 10 ms (50Hz), sine
5000
A
2s
VR = 0
t = 8.3 ms (60Hz), sine
4750
A
2s
(di/dt)cr
TVJ = TVJM
repetitive, IT = 150 A
150
A/
µs
f =50Hz, tp =200µs
VD = 2/3 VDRM
IG = 0.45 A
non repetitive; IT =ITAVM
500
A/
µs
diG /dt=0.45 A/µs
(dv/dt)cr
TVJ = TVJM;
VDR = 2/3 VDRM
1000
V/
µs
RGK = ∞; method 1 (linear voltage rise)
PGM
TVJ = TVJM
tp = 30µs
10
W
IT = ITAVM
tP = 300µs
5
W
PGAVM
0.5
W
VRGM
10
V
TVJ
-40...+125
°C
TVJM
125
°C
Tstg
-40...+125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
∼
IISOL ≤ 1 mA
t = 1 s
3000
V
∼
Md
Mounting torque
(M6)
5
Nm
Terminal connection torque
(M6)
5
Nm
Weight
typ.
270
g
Preliminary Data Sheet
V RSM
V DSM
V RRM
V DRM
Type
Type
900
800
PSVT 70/08
PSXT 70/08
1300
1200
PSVT 70/12
PSXT 70/12
1500
1400
PSVT 70/14
PSXT 70/14
1700
1600
PSVT 70/16
PSXT 70/16
Features
• Package with screw terminals
• Isolation voltage 3000V∼
• Planar glasspassivated chips
• UL registered, E 148688
Applications
• Heat and temperature control for
industrial furnaces and chemical
processes
• Lighting control
• Motor control
• Power converter
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
• High power density
Characteristic picture
Thyristor Modules
PSVT 70
ITRMS
= 80 A
PSXT 70
VRRM
= 800 - 1600 V
PSVT
PSXT
Base


Similar Part No. - PSVT70PSXT70

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSVT70 POWERSEM-PSVT70 Datasheet
123Kb / 2P
Thyristor Modules
More results

Similar Description - PSVT70PSXT70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC95 IXYS-MCC95 Datasheet
185Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com