Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN54LS138J Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS138J
Description  1-OF-8 DECODER/ DEMULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS138J Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS138J Datasheet HTML 1Page - Motorola, Inc SN54LS138J Datasheet HTML 2Page - Motorola, Inc SN54LS138J Datasheet HTML 3Page - Motorola, Inc SN54LS138J Datasheet HTML 4Page - Motorola, Inc SN54LS138J Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-230
FAST AND LS TTL DATA
1-OF-8 DECODER/
DEMULTIPLEXER
The LSTTL / MSI SN54 / 74LS138 is a high speed 1-of-8 Decoder /
Demultiplexer. This device is ideally suited for high speed bipolar memory
chip select address decoding. The multiple input enables allow parallel ex-
pansion to a 1-of-24 decoder using just three LS138 devices or to a 1-of-32
decoder using four LS138s and one inverter. The LS138 is fabricated with the
Schottky barrier diode process for high speed and is completely compatible
with all Motorola TTL families.
• Demultiplexing Capability
• Multiple Input Enable for Easy Expansion
• Typical Power Dissipation of 32 mW
• Active Low Mutually Exclusive Outputs
• Input Clamp Diodes Limit High Speed Termination Effects
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
A0
O0
O1
O2
O3
O5
O4
O6
A1
A2
E1
E2
E3
O7 GND
CONNECTION DIAGRAM DIP (TOP VIEW)
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
PIN NAMES
LOADING (Note a)
HIGH
LOW
A0 – A2
E1, E2
E3
O0 – O7
Address Inputs
Enable (Active LOW) Inputs
Enable (Active HIGH) Input
Active LOW Outputs (Note b)
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
SN54/74LS138
1-OF-8 DECODER/
DEMULTIPLEXER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
15 14 13 12 11 10 9
1 2 3
4 5 6
1 2 3
A0 A1 A2
E
O0 O1 O2 O3 O4 O5 O6 O7
7
LOGIC DIAGRAM
A2
A1
A0
E1 E2 E3
O7
O6
O5
O4
O3
O2
O1
O0
VCC = PIN 16
GND = PIN 8
= PIN NUMBERS
3
2
1
4
5
6
7
9
15
14
13
12
11
10


Similar Part No. - SN54LS138J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS138J TI-SN54LS138J Datasheet
691Kb / 17P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138J TI-SN54LS138J Datasheet
828Kb / 25P
3-LINE TO 8-LINE DECORDERS/DEMULTIPLEXERS
SN54LS138J TI-SN54LS138J Datasheet
1Mb / 23P
3-LINE TO 8-LINE DECODERS / DEMUL TIPLEXERS
SN54LS138J TI1-SN54LS138J Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138J TI-SN54LS138J Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN54LS138J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
1-of-8 Decoder/Demultiplexer
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
1-of-8 decoder/demultiplexer
1996 Jul 03
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
1-of-8 Decoder/Demultiplexer
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com