Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TWD2301 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWD2301
Description  SP4T RF SWITCH MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWD2301 Datasheet(HTML) 1 Page - API Technologies Corp

  TWD2301 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP4T RF SWITCH
Package: 14 Lead DIP Package (DP11)
MODEL
TWD2301
Features
DC - 2000 MHz
RF1 - RF4 Terminated in “OFF” State
Integral TTL Driver
Environmental ScreeningAvailable
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ......................... -55ºC to +100 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage .................................................................. +7.0 Volts
Continuous RF Input Power ........................................... +30 dBm
CHARACTERISTIC
Note: Care should always be taken to effectively ground the case of each unit.
VSWR DC - 2000 MHz
1.2:1
1.5:1 Max.
Switching Speed (ns)
Frequency
DC - 2000 MHz
DC - 2000 MHz
Isolation (dB)
DC-100 MHz
62
55 Min.
100-300 MHz
60
50 Min.
300-1000 MHz
46
40 Min.
1000-2000 MHz
36
30 Min.
Insertion Loss (dB)
DC-100 MHz
1.7
2.5 Max.
100-1000 MHz
2.2
3.0 Max.
1000-2000 MHz
2.5
3.5 Max.
Rev.
11/1/10
28
40 Max.
Also Available In: Connectorized Housings
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Intercept Points (dBm)
2nd
+44
3rd
+29
DC Current (mA)
+5 Vdc
7
10 Max.
-5 Vdc
5
10 Max.
Typical Performance Data
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC


Similar Part No. - TWD2301

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2300 APITECH-TWD2300 Datasheet
72Kb / 1P
SP3T RF SWITCH MODEL
More results

Similar Description - TWD2301

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2261 SPECTRUM-TWP2261 Datasheet
61Kb / 1P
SP4T RF SWITCH
TWP2262 SPECTRUM-TWP2262 Datasheet
63Kb / 1P
SP4T RF SWITCH
logo
API Technologies Corp
TWP2264 APITECH-TWP2264 Datasheet
195Kb / 1P
SP4T RF SWITCH MODEL
TWP2261 APITECH-TWP2261 Datasheet
194Kb / 1P
SP4T RF SWITCH MODEL
TWP2262 APITECH-TWP2262 Datasheet
196Kb / 1P
SP4T RF SWITCH MODEL
TWH7425 APITECH-TWH7425 Datasheet
191Kb / 1P
SP4T RF SWITCH MODEL
TWD6018 APITECH-TWD6018 Datasheet
213Kb / 1P
SP4T RF SWITCH MODEL
TWD2254 APITECH-TWD2254 Datasheet
201Kb / 1P
SP4T RF SWITCH MODEL
logo
Mini-Circuits
JSW4-272DR MINI-JSW4-272DR Datasheet
390Kb / 7P
SP4T RF Switch
ZSWA4-63DR MINI-ZSWA4-63DR Datasheet
708Kb / 7P
SP4T RF Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com