Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBDSER56 Datasheet(PDF) 3 Page - ABCircuits

Part # KBDSER56
Description  Serial output encoder keyboards up to 56 switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

KBDSER56 Datasheet(HTML) 3 Page - ABCircuits

  KBDSER56 Datasheet HTML 1Page - ABCircuits KBDSER56 Datasheet HTML 2Page - ABCircuits KBDSER56 Datasheet HTML 3Page - ABCircuits KBDSER56 Datasheet HTML 4Page - ABCircuits KBDSER56 Datasheet HTML 5Page - ABCircuits KBDSER56 Datasheet HTML 6Page - ABCircuits KBDSER56 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number KBDSER56
January 2013 Page 3 of 7
KBDSER56
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
COLX1
NC
COLX3
COLX5
COLX7
NC
ROWY8
ROWY6
ROWY4
ROWY2
SOUT
COLX6
COLX2
VSS
ROWY5
COLX4
ROWY1
ROWY7
VDD
ROWY3
+3.3
LANTRONIX
XPORT
1
2
3
4
5
6
7
8
GND
+3.3
-POR
OUT
IN
CP1
CP2
CP3
20
21 22
28
29
2A
30
31
32
38
39
3A
23
24
25
26
27
2B
2C
2D 2E
2F
33
34
35
36
37
3B
3C
3D 3E
3F
40
41
42
43
44
45
46
47
48
49
4A
4B
4C
4D 4E
4F
50
51
52
53
54
55
56
57
KEYPAD
C1
C2
C3
C4
C5
C6
C7
56 KEY ETHERNET KEYBOARD
+3.3
Connection Diagram
KBDSER56
11
5
12
13
14
15
1
2
3
4
6
7
9
10
18
8
16
19
20
17
COLX1
NC
COLX3
COLX5
COLX7
NC
ROWY8
ROWY6
ROWY4
ROWY2
SOUT
COLX6
COLX2
VSS
ROWY5
COLX4
ROWY1
ROWY7
VDD
ROWY3
Pin Description
Pin #
Description
Pin #
Description
1
Row Y8
20
VDD
2
Row Y6
19
Row Y7
3
Row Y4
18
Row Y5
4
Row Y2
17
Row Y3
5
NC
16
Row Y1
6
SOUT
15
NC
7
Col X6
14
Col X7
8
Col X4
13
Col X5
9
Col X2
12
Col X3
10
VSS
21
Col X1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com