Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TML9052 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TML9052
Description  RF Limiting Amplifier MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TML9052 Datasheet(HTML) 1 Page - API Technologies Corp

  TML9052 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Absolute Maximum (No Damage) Ratings
Frequency: 5 to 500 MHz
Ambient Operating Temperature.....-55ºC to +100 ºC
Low Phase Shift per dB of Compression
Storage Temperature .................... -62ºC to +125 ºC
Operating Case Temp. -55º C to + 85º C
Case Temperature ..................................... +125 ºC
Environmental Screening Available
DC Voltage............................................ +17 Volts
Continuous RF Input Power ...................... +15 dBm
Saturated Flatness(dB)
+/-0.4
+/-0.5
RF LIMITING AMPLIFIER
MODEL TML9052
Note: Care should always be taken to effectively ground the case of each unit.
* -15 V is not required and may be omitted.
VSWR Input/Output
1.5:1/1.9:1
2.0:1/2.0:1Max.
Specifications
Even Harmonic
Suppression @
P
IN
= -50 to +7 dBm
11
9
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 500 MHz
5 - 500 MHz
Saturated Output
Power (dBm)
Power +Vdc -Vdc*
mA
mA
Noise Figure (dB)
5.5
11 Max.
Small Signal Gain (dB)
9
7.0 Min.
Legend
+ 25 ºC
+85 ºC
-55 ºC
Typical Performance Data
Rev.
1/21/11
Available as: TML9052, 5 Pin TO-8 (T5)
TNL9052, 4 Pin Surface Mount (SM3)
BXL9052, Connectorized Housing (H1)
- 2
- 4 Min.
+15
-15*
+15
-15*
22
22
24
24 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TML9052

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TML9052 SPECTRUM-TML9052 Datasheet
88Kb / 1P
RF LIMITING AMPLIFIER
More results

Similar Description - TML9052

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
ENL9653 SPECTRUM-ENL9653 Datasheet
626Kb / 1P
RF Limiting Amplifier
ENL9654 SPECTRUM-ENL9654 Datasheet
220Kb / 1P
RF Limiting Amplifier
TL9011 SPECTRUM-TL9011 Datasheet
743Kb / 1P
RF Limiting Amplifier
TML9002 SPECTRUM-TML9002 Datasheet
636Kb / 1P
RF Limiting Amplifier
TML9004 SPECTRUM-TML9004 Datasheet
608Kb / 1P
RF Limiting Amplifier
TML9012 SPECTRUM-TML9012 Datasheet
663Kb / 1P
RF Limiting Amplifier
TML9017 SPECTRUM-TML9017 Datasheet
735Kb / 1P
RF Limiting Amplifier
TML9052 SPECTRUM-TML9052 Datasheet
88Kb / 1P
RF LIMITING AMPLIFIER
TML9053 SPECTRUM-TML9053 Datasheet
206Kb / 1P
RF Limiting Amplifier
logo
API Technologies Corp
ENL9653 APITECH-ENL9653 Datasheet
630Kb / 1P
RF Limiting Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com