Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LS168 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS168
Description  BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS168 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS168 Datasheet HTML 1Page - Motorola, Inc 74LS168 Datasheet HTML 2Page - Motorola, Inc 74LS168 Datasheet HTML 3Page - Motorola, Inc 74LS168 Datasheet HTML 4Page - Motorola, Inc 74LS168 Datasheet HTML 5Page - Motorola, Inc 74LS168 Datasheet HTML 6Page - Motorola, Inc 74LS168 Datasheet HTML 7Page - Motorola, Inc 74LS168 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5-302
FAST AND LS TTL DATA
BCD DECADE/MODULO
16 BINARY SYNCHRONOUS
BI-DIRECTIONAL COUNTERS
The SN54 / 74LS168 and SN54 / 74LS169 are fully synchronous 4-stage
up/down counters featuring a preset capability for programmable operation,
carry lookahead for easy cascading and a U/ D input to control the direction
of counting. The SN54 / 74LS168 counts in a BCD decade (8, 4, 2, 1)
sequence, while the SN54 / 74LS169 operates in a Modulo 16 binary
sequence. All state changes, whether in counting or parallel loading, are
initiated by the LOW-to-HIGH transition of the clock.
• Low Power Dissipation 100 mW Typical
• High-Speed Count Frequency 30 MHz Typical
• Fully Synchronous Operation
• Full Carry Lookahead for Easy Cascading
• Single Up/Down Control Input
• Positive Edge-Trigger Operation
• Input Clamp Diodes Limit High-Speed Termination Effects
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
1
2
3
4
5
6
7
16
15
8
VCC
U/D
TC
Q0
Q1
Q2
CET
Q3
PE
CP
P0
P1
P2
P3
CEP GND
CONNECTION DIAGRAM DIP (TOP VIEW)
PIN NAMES
LOADING (Note a)
HIGH
LOW
CEP
CET
CP
PE
U/D
P0–P3
Q0–Q3
TC
Count Enable Parallel (Active LOW) Input
Count Enable Trickle (Active LOW) Input
Clock Pulse (Active positive going edge) Input
Parallel Enable (Active LOW) Input
Up-Down Count Control Input
Parallel Data Inputs
Flip-Flop Outputs
Terminal Count (Active LOW) Output
0.5 U.L.
1.0 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
0.25 U.L.
0.5 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 (2.5) U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
b. Temperature Ranges.
SN54/74LS168
SN54/74LS169
BCD DECADE/ MODULO
16 BINARY SYNCHRONOUS
BI-DIRECTIONAL COUNTERS
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
9 3 4
5 6
7
10
2
15
14 13 12 11
PE P0 P1 P2 P3
CEP
CET
CP
Q0 Q1 Q2 Q3
TC
VCC = PIN 16
GND = PIN 8
1
U/D


Similar Part No. - 74LS168

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS168 ONSEMI-74LS168 Datasheet
117Kb / 6P
BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
National Semiconductor ...
74LS168 NSC-74LS168 Datasheet
131Kb / 6P
54LS168 Synchronous Bi-Directional BCD Decade Counter
More results

Similar Description - 74LS168

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
SN54-74LS168 ONSEMI-SN54-74LS168 Datasheet
117Kb / 6P
BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
logo
National Semiconductor ...
74LS168 NSC-74LS168 Datasheet
131Kb / 6P
54LS168 Synchronous Bi-Directional BCD Decade Counter
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
Synchronous Presettable BCD Decade Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
BCD SYNCHRONOUS DECADE COUNTERS
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
BCD SYNCHRONOUS DECADE COUNTERS
logo
ON Semiconductor
SN74LS168 ONSEMI-SN74LS168 Datasheet
192Kb / 6P
16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
July, 2006 ??Rev. 7
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com