Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB1017PI Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STB1017PI
Description  PNP Silicon Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STB1017PI Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STB1017PI Datasheet HTML 1Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 2Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 3Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 4Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 5Page - KODENSHI_AUK CORP. STB1017PI Datasheet HTML 6Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KSD-T0O110-000
2
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector cut-off current
ICBO
VCB=-80V, IE=0
-
-
-10
μA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-
-
-10
μA
Collector-Emitter breakdown voltage
V(BR)CEO
IC=-50mA, IB=0
-80
-
-
V
DC current gain
hFE
VCE=-5V, IC=-0.5A
120
-
240
-
VCE=-5V, IC=-3A
40
-
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=-3A, IB=-0.3A
-
-1.0
-1.7
V
Base-Emitter saturation voltage
VBE(on)
VCE=-5V, IB=-3A
-
-1.0
-1.5
V
Transition frequency
fT
VCB=-5V, IC=-0.5A
-
9
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
60
-
pF
* hFE rank : 120~240 Only
STB1017PI



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com