Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM78P Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM78P
Description  16-Bit Audio ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM78P Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM78P Datasheet HTML 5Page - Burr-Brown (TI) PCM78P Datasheet HTML 6Page - Burr-Brown (TI) PCM78P Datasheet HTML 7Page - Burr-Brown (TI) PCM78P Datasheet HTML 8Page - Burr-Brown (TI) PCM78P Datasheet HTML 9Page - Burr-Brown (TI) PCM78P Datasheet HTML 10Page - Burr-Brown (TI) PCM78P Datasheet HTML 11Page - Burr-Brown (TI) PCM78P Datasheet HTML 12Page - Burr-Brown (TI) PCM78P Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
®
PCM78
9
FIGURE 2. Block Diagram of Distortion Test Circuit.
DISCUSSION OF
SPECIFICATIONS
TOTAL HARMONIC DISTORTION
Evaluating distortion specifications can be a difficult task,
as distortion is often specified in different ways. Total
Harmonic Distortion (THD) is defined as the ratio of the
square root sum of the squares of the value of rms harmonics
to the value of the rms fundamental and is expressed in
percent or dB. Note that this measurement only includes
energy present in those frequencies which would contain
harmonics, and therefore is less than Total Harmonic
Distortion plus Noise.
The Total Harmonic Distortion plus Noise (THD+N) is
defined as the ratio of the square root of the sum of the
squares of the value of the rms harmonics and rms noise to
the value of the rms fundamental and is expressed in percent
or dB. This is the most meaningful measurement of a
dynamic converter’s performance because it includes all
energy present in the signal that is not fundamental. A block
diagram of the test circuit used to measure the THD and
THD+N of the PCM78 is shown in Figure 2. This digital
system is capable of differentiating harmonic energy and
noise; conventional distortion analyzers which operate on a
tracking notch filter principle cannot distinguish this energy,
and therefore only measure THD+N. Unfortunately, in the
past, these systems were used for measuring distortion
performance of converters, and the distortion was often
simply specified as “THD”, when in fact it was really
THD+N. For this reason, it is often confusing to compare
specifications of converters unless one knows exactly what
was being measured.
If we assume that the error due to the test circuit of Figure
2 is negligible, then the rms value of the PCM78 error
referred to the input can be shown to be
where N is the number of samples, EL(i) is the linearity
error at each sample, EQ(i) is the quantization error at each
FIGURE 3. Block Diagram of Histogram Test.
Sync
Timing
B&K
Digital
Oscillator
Convert Command
SHC702
PCM78
Serial-To-Parallel
IEEE-488
Communication
HP-330
Scientific
Computer
Digital Distortion
Analyzer Software
DataPhysics Corp
0
–20
–40
–60
–80
–100
–120
25
Frequency (kHz)
50
75
0.0
100
Sync
Timing
B&K
Digital
Oscillator
Convert Command
SHC702
PCM78
Serial-To-Parallel
64k
Memory
IEEE-488
HP-330
Scientific
Computer
2
1
0
–1
–2
Codes
2048
4095
0
1024
3072
THD
+N =
1
N
E
L (i) + E Q (i) + E N (i)
[]2
i
=1
N
∑
E
rms
X 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com