Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCU6N70S Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HCU6N70S
Description  700V N-Channel Super Junction MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HCU6N70S Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HCU6N70S Datasheet HTML 1Page - SemiHow Co.,Ltd. HCU6N70S Datasheet HTML 2Page - SemiHow Co.,Ltd. HCU6N70S Datasheet HTML 3Page - SemiHow Co.,Ltd. HCU6N70S Datasheet HTML 4Page - SemiHow Co.,Ltd. HCU6N70S Datasheet HTML 5Page - SemiHow Co.,Ltd. HCU6N70S Datasheet HTML 6Page - SemiHow Co.,Ltd. HCU6N70S Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
024
68
0
2
4
6
8
10
12
V
DS = 350V
V
DS = 140V
V
DS = 560V
Note : I
D = 1.5A
Q
G, Total Gate Charge [nC]
02
46
8
10
0
1
2
3
4
5
V
GS = 20V
V
GS = 10V
Note : T
J = 25
oC
I
D, Drain Current [A]
10
-1
10
0
10
1
10
2
0
400
800
1200
1600
2000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
25
oC
* Notes :
1. V
GS= 0V
2. 300us Pulse Test
V
SD, Source-Drain Voltage [V]
150
oC
10
-1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom : 4.5 V
* Notes :
1. 300us Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
2468
10
0.1
10
-25
oC
25
oC
* Notes :
1. V
DS= 20V
2. 300us Pulse Test
V
GS, Gate-Source Voltage [V]
150
oC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com