Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP706SEN-L/TR Datasheet(PDF) 13 Page - Exar Corporation

Part # SP706SEN-L/TR
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP706SEN-L/TR Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP706SEN-L/TR Datasheet HTML 8Page - Exar Corporation SP706SEN-L/TR Datasheet HTML 9Page - Exar Corporation SP706SEN-L/TR Datasheet HTML 10Page - Exar Corporation SP706SEN-L/TR Datasheet HTML 11Page - Exar Corporation SP706SEN-L/TR Datasheet HTML 12Page - Exar Corporation SP706SEN-L/TR Datasheet HTML 13Page - Exar Corporation SP706SEN-L/TR Datasheet HTML 14Page - Exar Corporation SP706SEN-L/TR Datasheet HTML 15Page - Exar Corporation SP706SEN-L/TR Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
13/16
Rev. 2.0.0
the reset threshold), the maximum allowable
pulse
width
decreases.
Typically,
a
VCC
transient that goes 100mV below the reset
threshold and lasts for 40μs or less will not
cause a reset pulse to be issued. A 100nF
bypass capacitor mounted close to the VCC pin
provides additional transient immunity.
Fig. 24: Maximum Transient Duration without Causing a
Reset Pulse vs. Reset Comparator Overdrive
APPLICATIONS
The SP706P/R/S/T-SP708R/S/T series offers
unmatched performance and the lowest power
consumption for these industry standard
devices. Refer to Figures 25 and 26 for supply
current
performance
characteristics
rated
against temperature and supply voltages.
Fig. 25: Supply Current vs. Temperature
Fig. 26: Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com