Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP706SEU-L/TR Datasheet(PDF) 5 Page - Exar Corporation

Part # SP706SEU-L/TR
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP706SEU-L/TR Datasheet(HTML) 5 Page - Exar Corporation

  SP706SEU-L/TR Datasheet HTML 1Page - Exar Corporation SP706SEU-L/TR Datasheet HTML 2Page - Exar Corporation SP706SEU-L/TR Datasheet HTML 3Page - Exar Corporation SP706SEU-L/TR Datasheet HTML 4Page - Exar Corporation SP706SEU-L/TR Datasheet HTML 5Page - Exar Corporation SP706SEU-L/TR Datasheet HTML 6Page - Exar Corporation SP706SEU-L/TR Datasheet HTML 7Page - Exar Corporation SP706SEU-L/TR Datasheet HTML 8Page - Exar Corporation SP706SEU-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
5/16
Rev. 2.0.0
PIN DESCRIPTION
Name
Pin Number
Description
SP706R/S/T
SP708R/S/T
SOIC
MSOP
SOIC
MSOP
MR
1
3
1
3
Manual Reset
This input triggers a reset pulse when pulled below 0.8V. This active
LOW input has an internal 70µA pull-up current. It can be driven
from a TTL or CMOS logic line or shorted to ground with a switch.
VCC
2
4
2
4
Voltage Input
GND
3
5
3
5
Ground reference for all signals
PFI
4
6
4
6
Power-Fail Input
When this voltage monitor input is less than 1.25V, PFO goes LOW.
Connect PFI to ground or VCC when not in use.
PFO
5
7
5
7
Power-Fail Output
This output is LOW until PFI is less then 1.25V
WDI
6
8
-
-
Watchdog Input
If this input remains HIGH or LOW for 1.6s, the internal watchdog
timer times out and WDO goes LOW. Floating WDI or connecting WDI
to a high-impedance tri-state buffer disables the watchdog feature.
The internal watchdog timer clears whenever RESET is asserted, WDI
is tri-stated, or whenever WDI sees a rising or falling edge.
N.C.
-
-
6
8
No Connect
RESET
7
1
7
1
Active-LOW RESET Output
This output pulses LOW for 200ms when triggered and stays LOW
whenever VCC is below the reset threshold. It remains LOW for 200ms
after Vcc rises above the reset threshold or MR goes from LOW to
HIGH. A watchdog timeout will not trigger RESET unless WDO is
connected to MR.
WDO
8
2
-
-
Watchdog Output
This output pulls LOW when the internal watchdog timer finishes its
1.6s count and does not go HIGH again until the watchdog is cleared.
WDO also goes LOW during low-line conditions. Whenever VCC is
below the reset threshold, WDO stays LOW. However, unlike RESET,
WDO does not have a minimum pulse width. As soon as VCC is above
the reset threshold, WDO goes HIGH with no delay.
RESET
-
-
8
2
Active-HIGH RESET Output
This output is the complement of RESET. Whenever RESET is HIGH,
RESET is LOW and vice-versa. Note that the SP708R/S/T has a reset
output only.
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SP706RCN-L
0°C≤TA≤+70°C
SP706RC
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP706RCN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP706RCU-L
0°C≤TA≤+70°C
706R
CXXX
YWW
8-pin MSOP
Bulk
Lead Free
SP706RCU-L/TR
0°C≤TA≤+70°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP706REN-L
-40°C≤TA≤+85°C
SP706RE
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP706REN-L/TR
-40°C≤TA≤+85°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP706REU-L
-40°C≤TA≤+85°C
706R
EXXX
YWW
8-pin MSOP
Bulk
Lead Free
SP706REU-L/TR
-40°C≤TA≤+85°C
8-pin MSOP 2.5K/Tape & Reel Lead Free
SP706SCN-L
0°C≤TA≤+70°C
SP706SC
YYWWL
X
8-pin NSOIC
Bulk
Lead Free
SP706SCN-L/TR
0°C≤TA≤+70°C
8-pin NSOIC 2.5K/Tape & Reel Lead Free
SP706SCU-L
0°C≤TA≤+70°C
706S
CXXX
YWW
8-pin MSOP
Bulk
Lead Free
SP706SCU-L/TR
0°C≤TA≤+70°C
8-pin MSOP 2.5K/Tape & Reel Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com