Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP708REN-L/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP708REN-L/TR
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP708REN-L/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP708REN-L/TR Datasheet HTML 1Page - Exar Corporation SP708REN-L/TR Datasheet HTML 2Page - Exar Corporation SP708REN-L/TR Datasheet HTML 3Page - Exar Corporation SP708REN-L/TR Datasheet HTML 4Page - Exar Corporation SP708REN-L/TR Datasheet HTML 5Page - Exar Corporation SP708REN-L/TR Datasheet HTML 6Page - Exar Corporation SP708REN-L/TR Datasheet HTML 7Page - Exar Corporation SP708REN-L/TR Datasheet HTML 8Page - Exar Corporation SP708REN-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
© 2010 Exar Corporation
2/16
Rev. 2.0.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
VCC .......................................................... -0.3V to 6.0V
All Other Inputs (Note 1)...................-0.3V to (VCC+0.3V)
Input Current
VCC .................................................................20mA
GND ................................................................20mA
Output Current (All outputs) ...............................20mA
ESD Rating (HBM - Human Body Model) .................... 2kV
Continuous Power Dissipation
SO (derate 5.88mW/°C above +70°C)...............471mW
Mini SO (derate 4.10mW/°C above +70°C) ........330mW
Storage Temperature ..............................-65°C to 160°C
Lead Temperature (Soldering, 10 sec) ....................300°C
ELECTRICAL SPECIFICATIONS
Unless otherwise indicated, VCC = 2.7V to 5.5V (SP70xR), VCC = 3.15V to 5.5V (SP70xS), VCC = 3.0V to 5.5V (SP70xT), TA=
TMIN to TMAX, typical at 25°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Operating Voltage Range VCC
1.0
5.5
V
Supply Current ISUPPLY
25
40
µA
MR=VCC or floating, WDI floating
Reset Threshold
2.55
2.63
2.70
V
SP706R. SP708R
2.85
2.93
3.00
SP706S. SP708S
3.00
3.08
3.15
SP706T. SP708T
Reset Threshold Hysteresis
20
mV
Note 2
Reset Pulse Width tRS
140
200
280
ms
Note 2
RESET Output Voltage
V
VOH
0.8xVCC
VRST(MAX)<VCC<3.6V, ISOURCE=500µA
VOL
0.3
VRST(MAX)<VCC<3.6V, ISINK=1.2mA
VOH
VCC-1.5
4.5V<VCC<5.5V, ISOURCE=800µA
VOL
0.4
4.5V<VCC<5.5V, ISINK=3.2mA
RESET Output Voltage
V
VOH
VCC-0.6
VRST(MAX)<VCC<3.6V, ISOURCE=215µA
VOL
0.3
VRST(MAX)<VCC<3.6V, ISOURCE=1.2mA
VOH
VCC-1.5
4.5V<VCC<5.5V, ISOURCE=800µA
VOL
0.4
4.5V<VCC<5.5V, ISOURCE=3.2mA
Watchdog Timeout Period tWD
1.00
1.60
2.25
s
VCC<3.6V
WDI Pulse Width tWP (note 1)
50
ns
VIL=0.4V, VIH=0.8xVCC
WDI Input Threshold
V
VIL
0.6
VRST(MAX)<VCC<3.6V
VIH
0.7xVCC
VRST(MAX)<VCC<3.6V
VIL
0.8
VCC=5V
VIH
3.5
VCC=5V
WDI Input Current
-1
0.02
1
µA
WDI=0V or WDI=VCC
WDO Output Voltage
V
VIL
0.8xVCC
VRST(MAX)<VCC<3.6V, ISOURCE=500µA
VIH
0.3
VRST(MAX)<VCC<3.6V, ISINK=1.2mA
VIL
VCC-1.5
4.5V<VCC<5.5V, ISOURCE=800µA
VIH
0.4
4.5V<VCC<5.5V, ISINK=3.2mA
MR Pull-up Current
25
70
250
µA
MR = 0V, VRST(MAX)<VCC<3.6V
100
250
600
MR = 0V, 4.5V<VCC<5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com