Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PACAC97Q Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACAC97Q
Description  PC AUDIO RESISTOR NETWORK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACAC97Q Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACAC97Q Datasheet HTML 1Page - California Micro Devices Corp PACAC97Q Datasheet HTML 2Page - California Micro Devices Corp PACAC97Q Datasheet HTML 3Page - California Micro Devices Corp PACAC97Q Datasheet HTML 4Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
9/27/2000
3
PACAC97
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Figure 2 shows a crosstalk measurement of Left to Right
channel for the gain setting resistors of the headphone
amplifier (referred to as AMP1 and AMP2). The IN2
(output from Codec) and the AMP_OUT2 pin (pins 23
and 25) are driven by a 2Vrms source. The AMP_OUT1
is terminated by a 10K
Ω resistor while the IN1 pin is
Figure 2*.
terminated with a 1K
Ω resistor which represents the
output impedance of the LINE_OUT output of the Codec.
Pins 5, 7, 22 and 24, on the device are grounded.
Crosstalk measured over the audio band of
20Hz to 20KHz is in excess of –90dB.
510
Ω
100
Ω
10K
Ω
6.8K
Ω
6.8K
Ω
5,7,22
TP2
18 MIC_AMP_OUT
2Vms
AC97CD_R
6 AC97MIC
8
17
TP1
10K
Ω
GND
GND
GND
GND
GND
Figure 1*.
10K
Ω
33K
Ω
22K
Ω
33K
Ω
22K
Ω
26
25
24
23
5, 7, 22
27
28
1K
Ω
2Vms
2Vms
GND
GND
GND
GND
Figure 1 shows a cross talk measurement of the micro-
phone to the Right Codec CD signal. The microphone
amplifier output pin (pin 18) is driven with a 2Vrms
signal. The Right CD Codec signal is terminated by a
10K
Ω load resistor while pins 5,7,17 and 22 on the
device are grounded. Crosstalk measured over the audio
band of 20Hz–20KHz is in excess of –90dB.
Channel-to-Channel Crosstalk: Microphone CD
Inter-channel Crosstalk: AMP2-AMP1 (LINE_OUT)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com