Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KL16P64M48SF4 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # KL16P64M48SF4
Description  Supports the following MKL16Z256VLH4, MKL16Z256VMP4
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL16P64M48SF4 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button KL16P64M48SF4 Datasheet HTML 17Page - Freescale Semiconductor, Inc KL16P64M48SF4 Datasheet HTML 18Page - Freescale Semiconductor, Inc KL16P64M48SF4 Datasheet HTML 19Page - Freescale Semiconductor, Inc KL16P64M48SF4 Datasheet HTML 20Page - Freescale Semiconductor, Inc KL16P64M48SF4 Datasheet HTML 21Page - Freescale Semiconductor, Inc KL16P64M48SF4 Datasheet HTML 22Page - Freescale Semiconductor, Inc KL16P64M48SF4 Datasheet HTML 23Page - Freescale Semiconductor, Inc KL16P64M48SF4 Datasheet HTML 24Page - Freescale Semiconductor, Inc KL16P64M48SF4 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Table 15. Device clock specifications (continued)
Symbol
Description
Min.
Max.
Unit
fosc_hi_2
Oscillator crystal or resonator frequency — high frequency
mode (high range) (MCG_C2[RANGE]=1x)
—
16
MHz
fTPM
TPM asynchronous clock
—
8
MHz
fUART0
UART0 asynchronous clock
—
8
MHz
1. The frequency limitations in VLPR and VLPS modes here override any frequency specification listed in the timing
specification for any other module. These same frequency limits apply to VLPS, whether VLPS was entered from RUN or
from VLPR.
2. The LPTMR can be clocked at this speed in VLPR or VLPS only when the source is an external pin.
5.3.2 General switching specifications
These general-purpose specifications apply to all signals configured for GPIO and UART
signals.
Table 16. General switching specifications
Description
Min.
Max.
Unit
Notes
GPIO pin interrupt pulse width (digital glitch filter disabled) —
Synchronous path
1.5
—
Bus clock
cycles
1
External RESET and NMI pin interrupt pulse width —
Asynchronous path
100
—
ns
2
GPIO pin interrupt pulse width — Asynchronous path
16
—
ns
2
Port rise and fall time
—
36
ns
3
1. The greater synchronous and asynchronous timing must be met.
2. This is the shortest pulse that is guaranteed to be recognized.
3. 75 pF load
5.4 Thermal specifications
5.4.1 Thermal operating requirements
Table 17. Thermal operating requirements
Symbol
Description
Min.
Max.
Unit
TJ
Die junction temperature
–40
125
°C
TA
Ambient temperature
–40
105
°C
General
KL16 Sub-Family Data Sheet Data Sheet, Rev. 2, 10/2013.
Freescale Semiconductor, Inc.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com