Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN65D8L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN65D8L
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN65D8L Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN65D8L Datasheet HTML 1Page - Diodes Incorporated DMN65D8L Datasheet HTML 2Page - Diodes Incorporated DMN65D8L Datasheet HTML 3Page - Diodes Incorporated DMN65D8L Datasheet HTML 4Page - Diodes Incorporated DMN65D8L Datasheet HTML 5Page - Diodes Incorporated DMN65D8L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN65D8L
Document number: DS35923 Rev. 2 - 2
4 of 6
www.diodes.com
August 2012
© Diodes Incorporated
DMN65D8L
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1.0
1.2
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 7. Diode Forward Voltage vs. Current
T= 25°C
A
T = -55°C
A
T= 85°C
A
T = 125°C
A
T = 150°C
A
1
10
100
1,000
01020
30
40
50
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 8. Typical Drain-Source Leakage Current vs. Voltage
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9. Typical Junction Capacitance
Ciss
C
oss
Crss
f = 1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com