Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTST-5630VSWT Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-5630VSWT
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-5630VSWT Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-5630VSWT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-5630VSWT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-5630VSWT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-5630VSWT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-5630VSWT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-5630VSWT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-5630VSWT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-5630VSWT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-5630VSWT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings at Ta=25℃
℃
℃
℃
Parameter
LTST-5630VSWT
Unit
Power Dissipation
420
mW
Peak Forward Current
(1/5 Duty Cycle, 10ms Pulse Width)
180
mA
DC Forward Current
150
mA
Reverse Voltage
5
V
Operating Temperature Range
-40℃ to + 85℃
Storage Temperature Range
-40℃ to + 100℃
Suggest IR Reflow Condition :
IR- Ref l ow Sol deri ng P rof i l e f or l ead f ree sol deri ng ( Acc. t o J- STD- 020B )
Part No. : LTST-5630VSWT
Page :
2
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com