Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6717TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 14Page - STMicroelectronics L6717TR Datasheet HTML 15Page - STMicroelectronics L6717TR Datasheet HTML 16Page - STMicroelectronics L6717TR Datasheet HTML 17Page - STMicroelectronics L6717TR Datasheet HTML 18Page - STMicroelectronics L6717TR Datasheet HTML 19Page - STMicroelectronics L6717TR Datasheet HTML 20Page - STMicroelectronics L6717TR Datasheet HTML 21Page - STMicroelectronics L6717TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Device description and operation
L6717
18/56
Doc ID 17326 Rev 1
4
Device description and operation
L6717 is a hybrid CPU power supply controller compatible with both parallel (PVI) and serial
(SVI) protocols for AMD Processors. The device provides complete control logic and
protections for a high-performance step-down DC-DC voltage regulator, optimized for
advanced microprocessor power supply supporting both PVI and SVI communication. It
embeds two independent controllers for CPU CORE and the integrated NB, each one with
its own set of protections. NB phase (when enabled) is automatically phase-shifted with
respect to the CORE phases in order to reduce the total input rms current amount.
The device features an additional power manager I2C interface to easy the system design
for enthusiastic application where the main parameters of the voltage regulator have to be
modified. L6717 is able to adjust the regulated voltage, the switching frequency and also the
OV protection threshold through the power manager I2C bus while the application is running
assuring fast and reliable transitions.
Dynamic phase management (DPM) allows the device to automatically adjust the phase
count according to the current delivered to the load. This feature allow the system to keep
alive only the phases really necessary to sustain the load saving in power dissipation so
optimizing the efficiency over the whole current range of the application. DPM can be
enabled through the power manager I2C bus.
L6717 is able to detect which kind of CPU is connected in order to configure itself to work as
a single-plane PVI controller or dual-plane SVI controller.
The controller performs a single-phase control for the NB section and a programmable 2-to-
4 phase control for the CORE section featuring dual-edge non-latched architecture: this
allows fast load-transient response optimizing the output filter consequently reducing the
total BOM cost. Further reduction in output filter can be achieved by enabling LTB
Technology
®
.
PSI_L flag is sent to the VR through the SVI bus. The controller monitors this flag and
selectively modifies the phase number in order to optimize the system efficiency when the
CPU enters low-power states. This causes the over-all efficiency to be maximized at light
loads so reducing losses and system power consumption.
Both sections feature programmable overvoltage protection and adjustable constant
overcurrent protection. Voltage positioning (LL) is possible thanks to an accurate fully-
differential current-sense across the main inductors for both sections.
L6717 features dual remote sensing for the regulated outputs (CORE and NB) in order to
recover from PCB voltage drops also protecting the load from possible feedback network
disconnections.
LSLess start-up function allows the controller to manage pre-biased start-up avoiding
dangerous current return through the main inductors as well as negative undershoot on the
output voltage if the output filter is still charged before start-up.
L6717 supports V_FIX mode for system debugging: in this particular configuration the SVI
bus is used as a static bus configuring 4 operative voltages for both the sections and
ignoring any serial-VID command.
When working in PVI mode, the device features on-the-fly VID management: VID code is
continuously sampled and the reference update according to the variation detected,
L6717 is available in VFQFPN48 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com