Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6717 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6717
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6717 Datasheet HTML 30Page - STMicroelectronics L6717 Datasheet HTML 31Page - STMicroelectronics L6717 Datasheet HTML 32Page - STMicroelectronics L6717 Datasheet HTML 33Page - STMicroelectronics L6717 Datasheet HTML 34Page - STMicroelectronics L6717 Datasheet HTML 35Page - STMicroelectronics L6717 Datasheet HTML 36Page - STMicroelectronics L6717 Datasheet HTML 37Page - STMicroelectronics L6717 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
Output voltage positioning
L6717
34/56
Doc ID 17326 Rev 1
7
Output voltage positioning
Output voltage positioning is performed by selecting the controller operative-mode (SVI, PVI
and V_FIX) and by programming the droop function and offset to the reference of both the
sections (See Figure 9). The controller reads the current delivered by each section by
monitoring the voltage drop across the DCR Inductors. The current (IDROOP / IDROOP_NB)
sourced from the FB / NB_FB pin, directly proportional to the read current, causes the
related section output voltage to vary according to the external RFB / RFB_NB resistor so
implementing the desired load-line effect.
L6717 embeds a dual remote-sense buffer to sense remotely the regulated voltage of each
Section without any additional external components. In this way, the output voltage
programmed is regulated compensating for board and socket losses. Keeping the sense
traces parallel and guarded by a power plane results in common mode coupling for any
picked-up noise.
Figure 9.
Voltage positioning
1.2V
ROS
SCL/OS
CORE_REFERENCE
FB
COMP
VSEN
FBG
RF
CF
RFB
To VDD_CORE
(Remote Sense)
CORE Protection
Monitor
from SVI DAC...
NB_REFERENCE
NB_FB
NB_COMP
NB_VSEN
NB_FBG
RF_NB
CF_NB
RFB_NB
To VDD_NB
(Remote Sense)
NB Protection
Monitor
from DAC...
Operative only when Power Manager I2C disabled
Offset from Power Manager I2C
(Active when enabled)
Clamp to 2.8V
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com