Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLM4302 Datasheet(PDF) 1 Page - Calogic, LLC

Part # CLM4302
Description  Low Power, 400MHz High Speed Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

CLM4302 Datasheet(HTML) 1 Page - Calogic, LLC

  CLM4302 Datasheet HTML 1Page - Calogic, LLC CLM4302 Datasheet HTML 2Page - Calogic, LLC CLM4302 Datasheet HTML 3Page - Calogic, LLC CLM4302 Datasheet HTML 4Page - Calogic, LLC CLM4302 Datasheet HTML 5Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low Power,
400MHz High Speed Buffer
CLM4102 / CLM4302
FEATURES
•• Improved Replacement for EL2002
•• Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11000V/µs
•• Wide Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . 400MHz
•• Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA
•• Wide Supply Voltage. . . . . . . . . . . . . . . . . . . ±3V to ±18V
•• Supply Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
•• Short Circuit Product
•• Low Bias Current
APPLICATIONS
•• Op Amp Booster
•• Coaxial Cable Driver
•• A/D Input Buffer
•• Isolation Buffer
GENERAL DESCRIPTION
The CLM4102 product family is a low power, wide bandwidth
buffer amplifier. The 4102 family delivers a -3dB bandwidth of
400MHz, 200mA, and 11000V/
µs while only drawing 5mA of
supply current. The CLM4102 family operates over a wide
supply voltage range of
±3V to ±18V.
This product is an excellent choice for coaxial cable drivers,
A/D converter input buffers and fast op-amp current boosters,
in applications for video, test and medical systems and
military designs.
ORDERING INFORMATION
Part
Package
Temperature Range
CLM4102M
SOIC 20-Lead
-40
oC to +85oC
CLM4102N
Plastic Dip 8-Lead
-40
oC to +85oC
CLM4302M
SOIC 20-Lead
-25
oC to +85oC
CLM4302N
Plastic Dip 8-Lead
-25
oC to +85oC
CORPORATION
CONNECTION DIAGRAMS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
NC
NC
OUTPUT
NC
NC
NC
NC
NC
NC
NC
+V
NC
INPUT
NC
NC
NC
-V
NC
NC
PLASTIC SOIC
TOP VIEW
+1
1
2
3
4
8
7
6
5
NC
OUTPUT
NC
NC
+V
INPUT
NC
-V
PLASTIC DIP
TOP VIEW
+1
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076


Similar Part No. - CLM4302

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4321 CALOGIC-CLM4321 Datasheet
58Kb / 6P
High Speed Buffer
CLM4321M CALOGIC-CLM4321M Datasheet
58Kb / 6P
High Speed Buffer
CLM4321N CALOGIC-CLM4321N Datasheet
58Kb / 6P
High Speed Buffer
CLM4322 CALOGIC-CLM4322 Datasheet
50Kb / 4P
4mW, 180MHz, 2000V/Us High Speed Buffer
CLM4322M CALOGIC-CLM4322M Datasheet
50Kb / 4P
4mW, 180MHz, 2000V/Us High Speed Buffer
More results

Similar Description - CLM4302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
High Speed Buffer
CVA4401 CALOGIC-CVA4401 Datasheet
27Kb / 2P
Low Power, 400MHz High Speed Triple Buffer
CVA4403N CALOGIC-CVA4403N Datasheet
26Kb / 2P
Low Power, 400MHz High Speed Triple Bufferwith Level Shifter
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
Texas Instruments
VSP1000 TI1-VSP1000 Datasheet
513Kb / 14P
Low-Power, High-Speed Buffer for CCD Sensor
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com