Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD5501 Datasheet(PDF) 1 Page - Calogic, LLC

Part # SD5501
Description  N-Channel Depletion-Mode 4-Channel DMOS FET Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD5501 Datasheet(HTML) 1 Page - Calogic, LLC

  SD5501 Datasheet HTML 1Page - Calogic, LLC SD5501 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
N-Channel Depletion-Mode
4-Channel DMOS FET Array
SD5501
FEATURES
•• Normally ON Configuration
•• Low Interelectrode Capacitances
•• High-Speed Switching
•• Wide Dynamic Range
APPLICATIONS
•• High-Speed AnalogSwitches
•• Wide-Band Dual Differential Amplifiers
•• Dual CascodeAmplifiers
•• High Intercept Point Double Balanced Mixers
DESCRIPTION
The SD5501 is manufactured utilizing Calogic’s proprietary
high speed, low capacitance DMOS process featuring an
N-Channel depletion-mode design.
This "normally-ON"
device is well suited for high speed instrumentation and
communication systems where multiple channels are required
for fast switching or dual amplification. Available in a 16-pin
plastic dual in-line plastic package or chip form.
ORDERING INFORMATION
Part
Package
Temperature Range
SD5501N
Plastic
-55
oC to +125oC
XSD5501
Sorted Chips in Carriers
-55
oC to +125oC
LLC
TOP VIEW
D4
N/C
G4
S4
S3
G3
N/C
D3
1
2
3
4
5
6
7
8
S1
S2
G2
D2
N/C
D1
G1
BODY
16
15
14
13
12
11
10
9
PIN CONFIGURATION
CD2
SCHEMATIC DIAGRAM
G
D
S
4
5
12
13
2
G
D
S
G
D
S
G
D
S
3
1
6
8
11
9
16
14
3
1
6
8
11
9
16
14
4
5
12
13
BODY
CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS065 REV A


Similar Part No. - SD5501

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD550 DCCOM-SD550 Datasheet
248Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Pan Jit International I...
SD550S PANJIT-SD550S Datasheet
40Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere)
SD550S PANJIT-SD550S Datasheet
42Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD550S PANJIT-SD550S Datasheet
119Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SD550S-T3 WTE-SD550S-T3 Datasheet
43Kb / 3P
5.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SD5501

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SSD5501 CALOGIC-SSD5501 Datasheet
120Kb / 2P
N-Channel Depletion-Mode 4-Channel DMOS FET Array
logo
Supertex, Inc
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
LND150K1-G SUTEX-LND150K1-G Datasheet
651Kb / 7P
N-Channel Depletion-Mode DMOS FET
LND150N3-G SUTEX-LND150N3-G Datasheet
655Kb / 8P
N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
N-Channel Depletion-Mode DMOS FET
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
logo
Supertex, Inc
LND250 SUTEX-LND250_14 Datasheet
436Kb / 3P
N-Channel Depletion-Mode DMOS FET
LND150 SUTEX-LND150_14 Datasheet
602Kb / 7P
N-Channel Depletion-Mode DMOS FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com