Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U404 Datasheet(PDF) 1 Page - Calogic, LLC

Part # U404
Description  Dual N-Channel JFET Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

U404 Datasheet(HTML) 1 Page - Calogic, LLC

  U404 Datasheet HTML 1Page - Calogic, LLC U404 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual N-Channel JFET Switch
U401 – U406
FEATURES
•• Minimum System Error and Calibration
•• Low Drift With Temperature
•• Operates From Low Power Supply Voltages
•• High Output Impedance
ABSOLUTE MAXIMUM RATINGS
(TA = 25
oC unless otherwise specified)
Gate-Drain or Gate-Source Voltage . . . . . . . . . . . . . . . . . 50V
Gate Current (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
Storage Temperature Range . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature Range . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
One Side
Both Sides
Power Dissipation (TA = 85
oC)
300mW
500mW
Derate above 25
oC2.6mW/oC5mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
U401-6
Hermetic TO-71
-55
oC to +150oC
XU401-6
Sorted Chips in Carriers
-55
oC to +150oC
CORPORATION
PIN CONFIGURATION
S2
G1
D2
D1
G2
S1
TO-71
CJ2


Similar Part No. - U404

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
U404 LINEAR-U404 Datasheet
241Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N CHANNEL JFET
logo
Intersil Corporation
U404 INTERSIL-U404 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
U404 NJSEMI-U404 Datasheet
96Kb / 2P
Minimum System Error and Calibration
logo
Micross Components
U404 MICROSS-U404 Datasheet
286Kb / 1P
Linear Systems replaces discontinued Siliconix U404 with LSU404
logo
Linear Integrated Syste...
U404 LINEAR-U404 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
More results

Similar Description - U404

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4391 CALOGIC-2N4391 Datasheet
29Kb / 2P
N-Channel JFET Switch
2N5434 CALOGIC-2N5434 Datasheet
22Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108 Datasheet
21Kb / 1P
N-Channel JFET Switch
J111 CALOGIC-J111 Datasheet
21Kb / 1P
N-Channel JFET Switch
logo
Intersil Corporation
U1897 INTERSIL-U1897 Datasheet
67Kb / 2P
N-Channel JFET Switch
logo
Calogic, LLC
2N5432 CALOGIC-2N5432_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
J108 CALOGIC-J108_15 Datasheet
29Kb / 1P
N-Channel JFET Switch
J111 CALOGIC-J111_15 Datasheet
31Kb / 1P
N-Channel JFET Switch
U40 CALOGIC-U40_15 Datasheet
32Kb / 2P
Dual N-Channel JFET Switch
2N4391 CALOGIC-2N4391_15 Datasheet
35Kb / 2P
N-Channel JFET Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com