Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GH2805SCKA Datasheet(PDF) 7 Page - International Rectifier

Part # GH2805SCKA
Description  HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GH2805SCKA Datasheet(HTML) 7 Page - International Rectifier

  GH2805SCKA Datasheet HTML 1Page - International Rectifier GH2805SCKA Datasheet HTML 2Page - International Rectifier GH2805SCKA Datasheet HTML 3Page - International Rectifier GH2805SCKA Datasheet HTML 4Page - International Rectifier GH2805SCKA Datasheet HTML 5Page - International Rectifier GH2805SCKA Datasheet HTML 6Page - International Rectifier GH2805SCKA Datasheet HTML 7Page - International Rectifier GH2805SCKA Datasheet HTML 8Page - International Rectifier GH2805SCKA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.irf.com
7
GH-SERIES
(28V Input, Single Output)
Application Note:
Table 1. Equation Parameters by Model
where: RADJ is in Kohms
RADJ is connected to -sense and VNOM < VOUT < 1.1VNOM
VNOM is the nominal output voltage with the Adjust Pin left open
VOUT is the desired output voltage
A and B are parameters defined in Table 1
The GH-Series converters have an Output Adjust pin (pin 12), which when connected via an external resistor
(RADJ) to either the –sense (pin 11) or +sense (pin 6), allows the nominal output voltage to be adjusted. Use
the following equations with the parameters listed in Table 1 to calculate the required resistor value (RADJ).
For all Models, to adjust the output voltage higher:
B
-
V
-
V
A
=
R
NOM
OUT
ADJ
×
2
For all Models, to adjust the output voltage lower:
B
-
A
V
C
A
=
R
OUT
ADJ
⎟⎟⎠
⎞
⎜⎜⎝
⎛
−
−
5
.
0
)
(
1
where: RADJ is in Kohms
RADJ is connected to +sense and D < VOUT < VNOM
VNOM is the nominal output voltage with the Adjust Pin left open
VOUT is the desired output voltage
A, B, C and D are parameters defined in Table 1
EQUATION PARAMETERS
MODEL
A
B
C
D
GH2801S
0.714
14.3
5.0
0.965
GH2801R5S
0.937
12.6
3.33
1.425
GH2801R8S
1.047
11.5
2.78
1.689
GH2802R5S
1.25
10
2.0
2.292
GH2803R3S
1.425
8.34
1.52
2.937
GH2805S
1.667
6.68
1.0
4.233



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com