Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GP1S093HCZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP1S093HCZ
Description  Subminiature, Low Profile, Transmissive Type Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1S093HCZ Datasheet(HTML) 2 Page - Sharp Corporation

  GP1S093HCZ Datasheet HTML 1Page - Sharp Corporation GP1S093HCZ Datasheet HTML 2Page - Sharp Corporation GP1S093HCZ Datasheet HTML 3Page - Sharp Corporation GP1S093HCZ Datasheet HTML 4Page - Sharp Corporation GP1S093HCZ Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GP1S093HCZ
Fig.3 Forward Current vs. Forward Voltage
Fig.1 Forward Current vs. Ambient
Temperature
s Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Forward voltage
Reverse current
Collector dark current
VF
−
−
−
−
−
−
−
−
−
−
1.2
50
50
V
V
Collector current
IR
ICEO
VCE(sat)
IC
tr
tf
VR
=3V
VCE
=20V
VCE
=5V, IF=5mA
VCE
=5V, IC=100µA
IF
=10mA, IC=40µA
IF
=20mA
RL
=1 000Ω
10
100
1.4
nA
Response time
Rise time
Fall time
Collector-emitter saturation voltage
100
400
0.4
150
150
µA
µA
µs
µs
Input
Output
Transfer
characte-
ristics
(Ta
=25°C)
0
60
50
40
30
20
10
−25
0
25
50
75 85
100
Ambient temperature Ta (°C)
Forward voltage VF (V)
1
10
100
0
3
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
−25°C
+25°C
+75°C
+50°C
0
°C
Fig.2 Power Dissipation vs. Ambient
Temperature
0
60
40
80
100
120
−25
100
50
75 85
0
25
20
Ambient temperature Ta (°C)
Ptot
P, Pc
Fig.4 Collector Current vs. Forward Current
Forward current IF (mA)
0.0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
2
4
6
8
10
12
14
16
18
20
VCE=5V
Ta=25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com