Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF6641PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6641PBF
Description  Latest MOSFET silicon technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6641PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6641PBF Datasheet HTML 1Page - International Rectifier IRF6641PBF Datasheet HTML 2Page - International Rectifier IRF6641PBF Datasheet HTML 3Page - International Rectifier IRF6641PBF Datasheet HTML 4Page - International Rectifier IRF6641PBF Datasheet HTML 5Page - International Rectifier IRF6641PBF Datasheet HTML 6Page - International Rectifier IRF6641PBF Datasheet HTML 7Page - International Rectifier IRF6641PBF Datasheet HTML 8Page - International Rectifier IRF6641PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.irf.com
© 2013 International Rectifier
July 1, 2013
IRF6641TRPbF
0
10
20
30
40
50
60
ID, Drain Current (A)
50
60
70
80
90
100
TJ = 25°C
Vgs = 7.0V
Vgs = 8.0V
Vgs = 10V
Vgs = 15V
25
50
75
100
125
150
Starting T J , Junction Temperature (°C)
0
20
40
60
80
100
120
140
160
180
200
ID
TOP
3.7A
5.7A
BOTTOM 11A
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
0
20
40
60
80
100
120
140
160
180
200
ID = 5.5A
TJ = 25°C
TJ = 125°C
Fig 12. Typical On-Resistance vs. Gate Voltage
Fig 13. Typical On-Resistance vs. Drain Current
Fig 15a. Unclamped Inductive Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 14. Maximum Avalanche Energy vs. Drain Current
tp
V(BR)DSS
IAS
Fig 15b. Unclamped Inductive Waveforms
Fig 16a. Switching Time Test Circuit
Fig 16b. Switching Time Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com