Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW6N90 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW6N90
Description  N-channel TO-262 MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW6N90 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW6N90 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW6N90 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW6N90 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW6N90 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW6N90 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
July. 2013. Rev. 3.0
1/5
SW6N90
Features
■ High ruggedness
■ R
DS(ON) (Max 2.3
Ω)@V
GS=10V
■ Gate Charge (Typical 40nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. It is mainly suitable for half bridge or full bridge resonant topology
like a electronic ballast, and also low power switching mode power appliances.
N-channel TO-262 MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDSS
Drain to Source Voltage
900
V
ID
Continuous Drain Current (@TC=25oC)
6.0*
A
Continuous Drain Current (@TC=100oC)
3.78*
A
IDM
Drain current pulsed
(note 1)
24
A
VGS
Gate to Source Voltage
±30
V
EAS
Single pulsed Avalanche Energy
(note 2)
550
mJ
EAR
Repetitive Avalanche Energy
(note 1)
150
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
PD
Total power dissipation (@TC=25oC)
231
W
Derating Factor above 25oC
1.85
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Rthjc
Thermal resistance, Junction to case
0.54
oC/W
Rthcs
Thermal resistance, Case to Sink
-
oC/W
Rthja
Thermal resistance, Junction to ambient
65
oC/W
BV
DSS : 900V
I
D
: 6.0A
R
DS(ON) : 2.3ohm
1
2
3
1
3
1. Gate 2. Drain 3. Source
TO-262
2
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW U 6N90
SW6N90
TO-262
TUBE
Order Codes


Similar Part No. - SW6N90

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW6N60 SEMIPOWER-SW6N60 Datasheet
515Kb / 5P
N-channel MOSFET
SW6N60D SEMIPOWER-SW6N60D Datasheet
856Kb / 6P
N-channel Enhanced mode TO-220F/TO-252/TO-251N MOSFET
SW6N60K SEMIPOWER-SW6N60K Datasheet
618Kb / 6P
N-channel Enhanced mode TO-220FMOSFET
SW6N65 SEMIPOWER-SW6N65 Datasheet
561Kb / 7P
N-channel MOSFET
SW6N65K SEMIPOWER-SW6N65K Datasheet
1Mb / 8P
N-channel Enhanced mode TO-220F/TO-251/TO-252/TO-262 /TO-220SF MOSFET
More results

Similar Description - SW6N90

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW10N70D SEMIPOWER-SW10N70D Datasheet
659Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW11N65D SEMIPOWER-SW11N65D Datasheet
876Kb / 7P
N-channel Enhanced mode TO-220/TO-220F/TO-262 MOSFET
SW12N70D SEMIPOWER-SW12N70D Datasheet
848Kb / 7P
N-channel Enhanced mode TO-220F/TO-262/TO-220SF/TO-220FT MOSFET
SW7N80D SEMIPOWER-SW7N80D Datasheet
643Kb / 6P
N-channel Enhanced mode TO-220F/TO-262 MOSFET
SW8N60D SEMIPOWER-SW8N60D Datasheet
843Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
SW8N65K SEMIPOWER-SW8N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-262 MOSFET
logo
Foshan Blue Rocket Elec...
BRA2N60 FOSHAN-BRA2N60 Datasheet
709Kb / 6P
N-CHANNEL MOSFET in a TO-262 Plastic Package
BRA4N65 FOSHAN-BRA4N65 Datasheet
725Kb / 6P
N-CHANNEL MOSFET in a TO-262 Plastic Package
BRA7N80 FOSHAN-BRA7N80 Datasheet
979Kb / 6P
N-CHANNEL MOSFET in a TO-262 Plastic Package
BRA20N60 FOSHAN-BRA20N60 Datasheet
1Mb / 6P
N-CHANNEL MOSFET in a TO-262 Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com