Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8900TLE-AAEC Datasheet(PDF) 9 Page - Texas Instruments

Part # LP8900TLE-AAEC
Description  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-AAEC Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8900TLE-AAEC Datasheet HTML 5Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 6Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 7Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 8Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 9Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 10Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 11Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 12Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LP8900
www.ti.com
SNVS542C – MAY 2008 – REVISED JULY 2013
APPLICATION INFORMATION
External Capacitors
In common with most regulators, the LP8900 requires external capacitors for regulator stability. The LP8900 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
Input Capacitor
An input capacitor is required for stability. It is recommended that a 1.0 µF capacitor be connected between the
LP8900 input pin and ground (this capacitance value may be increased to 10 µF).
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analogue ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low-
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be ensured by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance,
temperature, and voltage coefficients must be considered when selecting the capacitor to ensure the capacitance
will remain
≊ 1.0µF over the entire operating temperature range.
Output Capacitor
Correct selection of the output capacitor is critical to ensure stable operation in the intended application.
The output capacitor must meet all the requirements specified in the recommended capacitor table over all
conditions in the application. These conditions include DC bias, frequency and temperature. Unstable operation
will result if the capacitance drops below the minimum specified value.
The LP8900 is designed specifically to work with very small ceramic output capacitors. A 1.0µF ceramic
capacitor (dielectric type X7R or X5R) with an ESR between 5m
Ω to 500mΩ, is suitable in the LP8900
application circuit.
Other ceramic types such as Y5V and Z5U are less suitable owing to their inferior temperature characteristics.
(See section on Capacitor Characteristics).
It is also recommended that the output capacitor is placed within 1cm of the output pin and returned to a clean,
low impedance, ground connection.
It is possible to use tantalum or film capacitors at the device output, VOUT, but these are not as attractive for
reasons of size and cost (see the section Capacitor Characteristics).
No-Load Stability
The LP8900 will remain stable and in regulation with no external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
Capacitor Characteristics
The LP8900 is designed to work with ceramic capacitors on the input and outputs to take advantage of the
benefits they offer. For capacitance values around 1.0 µF, ceramic capacitors give the circuit designer the best
design options in terms of low cost and minimal area.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly dependant on the conditions of operation and
capacitor type.
In particular, to ensure stability, the output capacitor selection should take account of all the capacitor
parameters, to ensure that the specification is met within the application. Capacitance value can vary with DC
bias conditions as well as temperature and frequency of operation. Capacitor values will also show some
decrease over time due to aging. The capacitor parameters are also dependant on the particular case size with
smaller sizes giving poorer performance figures in general.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com