Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P3V3-VREG Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # P3V3-VREG
Description  FRDM-KL46Z Users Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P3V3-VREG Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button P3V3-VREG Datasheet HTML 3Page - Freescale Semiconductor, Inc P3V3-VREG Datasheet HTML 4Page - Freescale Semiconductor, Inc P3V3-VREG Datasheet HTML 5Page - Freescale Semiconductor, Inc P3V3-VREG Datasheet HTML 6Page - Freescale Semiconductor, Inc P3V3-VREG Datasheet HTML 7Page - Freescale Semiconductor, Inc P3V3-VREG Datasheet HTML 8Page - Freescale Semiconductor, Inc P3V3-VREG Datasheet HTML 9Page - Freescale Semiconductor, Inc P3V3-VREG Datasheet HTML 10Page - Freescale Semiconductor, Inc P3V3-VREG Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 7 of 17
5 FRDM-KL46Z Hardware Description
5.1.1 Power Supply
There are multiple power supply options on the FRDM-KL46Z. It can be powered from either of the USB
connectors, the VIN pin on the I/O header, an on-board coin cell battery, or an off-board 1.71-3.6V supply
from the 3.3V pin on the I/O header. The USB and VIN supplies are regulated on-board using a 3.3V linear
regulator to produce the main power supply. The other two sources are not regulated on-board. Table 2
provides the operational details and requirements for the power supplies.
Table 2. FRDM-KL46 Power Requirements
Supply Source
Valid Range
OpenSDA Operational?
Regulated on-
board?
OpenSDA USB
5V
Yes
Yes
K20 USB
5V
No
Yes
VIN Pin
4.3-9V
No
Yes
3.3V Pin
1.71-3.6V
No
No
Coin Cell
Battery
1.71-3.6V
No
No
Note that the OpenSDA circuit is only operational when a USB cable is connected and supplying power to
OpenSDA USB. However, protection circuitry is in place to allow multiple sources to be powered at once.
Figure 3- Power Supply Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com